전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M95320-BN3T 데이터시트(PDF) 21 Page - STMicroelectronics

부품명 M95320-BN3T
상세설명  32Kbit and 64Kbit Serial SPI Bus EEPROMs With High Speed Clock
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95320-BN3T 데이터시트(HTML) 21 Page - STMicroelectronics

Back Button M95320-BN3T Datasheet HTML 17Page - STMicroelectronics M95320-BN3T Datasheet HTML 18Page - STMicroelectronics M95320-BN3T Datasheet HTML 19Page - STMicroelectronics M95320-BN3T Datasheet HTML 20Page - STMicroelectronics M95320-BN3T Datasheet HTML 21Page - STMicroelectronics M95320-BN3T Datasheet HTML 22Page - STMicroelectronics M95320-BN3T Datasheet HTML 23Page - STMicroelectronics M95320-BN3T Datasheet HTML 24Page - STMicroelectronics M95320-BN3T Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
21/42
M95640, M95320
POWER-UP AND DELIVERY STATE
Power-up State
After Power-up, the device is in the following state:
–
Standby Power mode
–
deselected (after Power-up, a falling edge is
required on Chip Select (S) before any
instructions can be started).
–
not in the Hold Condition
–
the Write Enable Latch (WEL) is reset to 0
–
Write In Progress (WIP) is reset to 0
The SRWD, BP1 and BP0 bits of the Status Reg-
ister are unchanged from the previous power-
down (they are non-volatile bits).
INITIAL DELIVERY STATE
The device is delivered with the memory array set
at all 1s (FFh). The Status Register Write Disable
(SRWD) and Block Protect (BP1 and BP0) bits are
initialized to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42