전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GD25VE32C 데이터시트(PDF) 63 Page - GigaDevice Semiconductor (Beijing) Inc.

부품명 GD25VE32C
상세설명  Uniform Sector Dual and Quad Serial Flash
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
홈페이지  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25VE32C 데이터시트(HTML) 63 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25VE32C Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32C Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32C Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32C Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32C Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32C Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32C Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32C Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32C Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 63 / 63 page
background image
Uniform Sector
Dual and Quad Serial Flash
GD25VE32C
63
11. REVISION HISTORY
Version No
Description
Page
Date
1.0
Initial Release
All
2016-8-18
1.1
Modify the applying voltage of fc from 3.0-3.6V to 2.7-3.6V
Modify the applying voltage of fc1 from 2.7-3.0V to 2.3-2.7V
Modify the applying voltage of fc2 from 2.1-2.7V to 2.1-2.3V
Modify Icc9 from 400-800uA to 0.6-1.2mA
Modify tw max. value from 30ms to 40ms
P49
P49
P49
P48
P50
2017-8-8
1.2
Modify the description of the SOP8 USON8, WSON8 and
TFBGA24 (5x5 ball array) packages
Add Packing Type: T or no mark: Tube
Modify Icc2 max value from 1uA to 4uA
Delete tRST_P and tRST_R
Add tRST, of which the max value is 30us
P54, 57, 59,
60, 61, 62
P52
P48
P50
P50
2017-12-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com