| 전자부품 데이터시트 검색엔진 |
|
GD25VE32CPMS 데이터시트(PDF) 24 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25VE32CPMS 데이터시트(HTML) 24 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
24 / 63 page ![]() Uniform Sector Dual and Quad Serial Flash GD25VE32C 24 Figure 16. Quad I/O Word Fast Read Sequence Diagram (M5-4= (1, 0)) Quad I/O Word Fast Read with “8/16/32/64-Byte Wrap Around” in Standard SPI mode The Quad I/O Word Fast Read command can be used to access a specific portion within a page by issuing “Set Burst with Wrap” (77H) commands prior to E7H. The “Set Burst with Wrap” (77H) command can either enable or disable the “Wrap Around” feature for the following E7H commands. When “Wrap Around” is enabled, the data being accessed can be limited to either an 8/16/32/64-byte section of a 256-byte page. The output data starts at the initial address specified in the command, once it reaches the ending boundary of the 8/16/32/64-byte section, the output will wrap around the beginning boundary automatically until CS# is pulled high to terminate the command. The Burst with Wrap feature allows applications that use cache to quickly fetch a critical address and then fill the cache afterwards within a fixed length (8/16/32/64- byte) of data without issuing multiple read commands. The “Set Burst with Wrap” command allows three “Wrap Bits” W6-W4 to be set. The W4 bit is used to enable or disable the “Wrap Around” operation while W6-W5 is used to specify the length of the wrap around section within a page. 0 1 2 3 4 5 6 7 CS# SCLK 8 9 10 11 12 13 14 15 SI(IO0) SO(IO1) WP#(IO2) HOLD#(IO3) 4 0 4 0 5 1 5 1 6 2 6 2 7 3 7 3 4 0 4 0 5 1 5 1 6 2 6 2 7 3 7 3 4 0 4 0 5 1 5 1 6 2 6 2 7 3 7 3 4 5 6 7 A23-16 A15-8 A7-0 M7-0 Dummy Byte1 Byte2 4 0 5 1 6 2 7 3 Byte3 |