| 전자부품 데이터시트 검색엔진 |
|
24AA32AT-E/P 데이터시트(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24AA32AT-E/P 데이터시트(HTML) 12 Page - Microchip Technology |
|
12 / 26 page ![]() 24AA32A/24LC32A DS21713D-page 12 2003 Microchip Technology Inc. 7.0 PIN DESCRIPTIONS The descriptions of the pins are listed in Table 7-1. TABLE 7-1: PIN FUNCTION TABLE 7.1 A0, A1, A2 Chip Address Inputs The A0, A1, A2 inputs are used by the 24XX32A for multiple device operation. The levels on these inputs are compared with the corresponding bits in the slave address. The chip is selected if the compare is true. Up to eight devices may be connected to the same bus by using different Chip Select bit combinations. These inputs must be connected to either VCC or VSS. 7.2 Serial Data (SDA) SDA is a bidirectional pin used to transfer addresses and data into and out of the device. It is an open-drain terminal, therefore, the SDA bus requires a pull-up resistor to VCC (typical 10 k Ω for 100 kHz, 2 kΩ for 400 kHz) For normal data transfer, SDA is allowed to change only during SCL low. Changes during SCL high are reserved for indicating Start and Stop conditions. 7.3 Serial Clock (SCL) The SCL input is used to synchronize the data transfer to and from the device. 7.4 Write-Protect (WP) The WP pin can be connected to either VSS, VCC or left floating. An internal pull-down resistor on this pin will keep the device in the unprotected state if left floating. If tied to VSS, or left floating, normal memory operation is enabled (read/write the entire memory 000-FFF). If tied to VCC, write operations are inhibited. Read operations are not affected. Name PDIP SOIC TSSOP MSOP ROTATED TSSOP Description A0 1 1 1 1 3 Chip Address Input A1 2 2 2 2 4 Chip Address Input A2 3 3 3 3 5 Chip Address Input VSS 4 4 4 4 6 Ground SDA 5 5 5 5 7 Serial Address/Data I/O SCL 6 6 6 6 8 Serial Clock WP 7 7 7 7 1 Write-Protect Input VCC 8 8 8 8 2 +1.8V to 5.5V Power Supply |