전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSP430F167IPMR 데이터시트(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
부품명 MSP430F167IPMR
상세설명  MIXED SIGNAL MICROCONTROLLER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

MSP430F167IPMR 데이터시트(HTML) 19 Page - Texas Instruments

Back Button MSP430F167IPMR Datasheet HTML 15Page - Texas Instruments MSP430F167IPMR Datasheet HTML 16Page - Texas Instruments MSP430F167IPMR Datasheet HTML 17Page - Texas Instruments MSP430F167IPMR Datasheet HTML 18Page - Texas Instruments MSP430F167IPMR Datasheet HTML 19Page - Texas Instruments MSP430F167IPMR Datasheet HTML 20Page - Texas Instruments MSP430F167IPMR Datasheet HTML 21Page - Texas Instruments MSP430F167IPMR Datasheet HTML 22Page - Texas Instruments MSP430F167IPMR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 70 page
background image
MSP430x15x, MSP430x16x, MSP430x161x
MIXED SIGNAL MICROCONTROLLER
SLAS368D− OCTOBER 2002− REVISED MARCH 2005
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
comparator_A
The primary function of the comparator_A module is to support precision slope analog−to−digital conversions,
battery−voltage supervision, and monitoring of external analog signals.
ADC12
The ADC12 module supports fast, 12-bit analog-to-digital conversions. The module implements a 12-bit SAR
core, sample select control, reference generator and a 16 word conversion-and-control buffer. The
conversion-and-control buffer allows up to 16 independent ADC samples to be converted and stored without
any CPU intervention.
DAC12
The DAC12 module is a 12-bit, R-ladder, voltage output DAC. The DAC12 may be used in 8- or 12-bit mode,
and may be used in conjunction with the DMA controller. When multiple DAC12 modules are present, they may
be grouped together for synchronous operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70