| 전자부품 데이터시트 검색엔진 |
|
S-817B13AUA-CWC-T2 데이터시트(PDF) 5 Page - Seiko Instruments Inc |
|
|
|||||||||||||||||||||||||||||
S-817B13AUA-CWC-T2 데이터시트(HTML) 5 Page - Seiko Instruments Inc |
|
5 / 50 page ![]() SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR Rev.3.0_00 S-817 Series Seiko Instruments Inc. 5 2. Product name list 2. 1 S-817A series Table 1 Output voltage SNT-4A SC-82AB SOT-23-5 1.1 V ± 2.0 % S-817A11APF-CUATFG S-817A11ANB-CUA-T2 1.2 V ± 2.0 % S-817A12APF-CUBTFG S-817A12ANB-CUB-T2 1.3 V ± 2.0 % S-817A13APF-CUCTFG S-817A13ANB-CUC-T2 1.4 V ± 2.0 % S-817A14APF-CUDTFG S-817A14ANB-CUD-T2 S-817A14AMC-T2 1.5 V ± 2.0 % S-817A15APF-CUETFG S-817A15ANB-CUE-T2 1.6 V ± 2.0 % S-817A16APF-CUFTFG S-817A16ANB-CUF-T2 S-817A16AMC-T2 1.7 V ± 2.0 % S-817A17APF-CUGTFG S-817A17ANB-CUG-T2 1.8 V ± 2.0 % S-817A18APF-CUHTFG S-817A18ANB-CUH-T2 1.9 V ± 2.0 % S-817A19APF-CUITFG S-817A19ANB-CUI-T2 2.0 V ± 2.0 % S-817A20APF-CUJTFG S-817A20ANB-CUJ-T2 2.1 V ± 2.0 % S-817A21APF-CUKTFG S-817A21ANB-CUK-T2 2.2 V ± 2.0 % S-817A22APF-CULTFG S-817A22ANB-CUL-T2 2.3 V ± 2.0 % S-817A23APF-CUMTFG S-817A23ANB-CUM-T2 2.4 V ± 2.0 % S-817A24APF-CUNTFG S-817A24ANB-CUN-T2 2.5 V ± 2.0 % S-817A25APF-CUOTFG S-817A25ANB-CUO-T2 2.6 V ± 2.0 % S-817A26APF-CUPTFG S-817A26ANB-CUP-T2 2.7 V ± 2.0 % S-817A27APF-CUQTFG S-817A27ANB-CUQ-T2 2.8 V ± 2.0 % S-817A28APF-CURTFG S-817A28ANB-CUR-T2 2.9 V ± 2.0 % S-817A29APF-CUSTFG S-817A29ANB-CUS-T2 3.0 V ± 2.0 % S-817A30APF-CUTTFG S-817A30ANB-CUT-T2 3.1 V ± 2.0 % S-817A31APF-CUUTFG S-817A31ANB-CUU-T2 3.2 V ± 2.0 % S-817A32APF-CUVTFG S-817A32ANB-CUV-T2 3.3 V ± 2.0 % S-817A33APF-CUWTFG S-817A33ANB-CUW-T2 3.4 V ± 2.0 % S-817A34APF-CUXTFG S-817A34ANB-CUX-T2 3.5 V ± 2.0 % S-817A35APF-CUYTFG S-817A35ANB-CUY-T2 3.6 V ± 2.0 % S-817A36APF-CUZTFG S-817A36ANB-CUZ-T2 3.7 V ± 2.0 % S-817A37APF-CVATFG S-817A37ANB-CVA-T2 3.8 V ± 2.0 % S-817A38APF-CVBTFG S-817A38ANB-CVB-T2 3.9 V ± 2.0 % S-817A39APF-CVCTFG S-817A39ANB-CVC-T2 4.0 V ± 2.0 % S-817A40APF-CVDTFG S-817A40ANB-CVD-T2 4.1 V ± 2.0 % S-817A41APF-CVETFG S-817A41ANB-CVE-T2 4.2 V ± 2.0 % S-817A42APF-CVFTFG S-817A42ANB-CVF-T2 4.3 V ± 2.0 % S-817A43APF-CVGTFG S-817A43ANB-CVG-T2 4.4 V ± 2.0 % S-817A44APF-CVHTFG S-817A44ANB-CVH-T2 4.5 V ± 2.0 % S-817A45APF-CVITFG S-817A45ANB-CVI-T2 4.6 V ± 2.0 % S-817A46APF-CVJTFG S-817A46ANB-CVJ-T2 4.7 V ± 2.0 % S-817A47APF-CVKTFG S-817A47ANB-CVK-T2 4.8 V ± 2.0 % S-817A48APF-CVLTFG S-817A48ANB-CVL-T2 4.9 V ± 2.0 % S-817A49APF-CVMTFG S-817A49ANB-CVM-T2 5.0 V ± 2.0 % S-817A50APF-CVNTFG S-817A50ANB-CVN-T2 5.1 V ± 2.0 % S-817A51APF-CVOTFG S-817A51ANB-CVO-T2 5.2 V ± 2.0 % S-817A52APF-CVPTFG S-817A52ANB-CVP-T2 5.3 V ± 2.0 % S-817A53APF-CVQTFG S-817A53ANB-CVQ-T2 5.4 V ± 2.0 % S-817A54APF-CVRTFG S-817A54ANB-CVR-T2 5.5 V ± 2.0 % S-817A55APF-CVSTFG S-817A55ANB-CVS-T2 5.6 V ± 2.0 % S-817A56APF-CVTTFG S-817A56ANB-CVT-T2 5.7 V ± 2.0 % S-817A57APF-CVUTFG S-817A57ANB-CVU-T2 5.8 V ± 2.0 % S-817A58APF-CVVTFG S-817A58ANB-CVV-T2 5.9 V ± 2.0 % S-817A59APF-CVWTFG S-817A59ANB-CVW-T2 6.0 V ± 2.0 % S-817A60APF-CVXTFG S-817A60ANB-CVX-T2 Remark Please contact the SII marketing department for products with an output voltage over than those specified above. |