전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PE80T6004 데이터시트(PDF) 2 Page - Pasternack Enterprises, Inc.

부품명 PE80T6004
상세설명  Tunnel Diode Detector,
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PASTERNACK [Pasternack Enterprises, Inc.]
홈페이지  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE80T6004 데이터시트(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE80T6004 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE80T6004 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE80T6004 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE80T6004 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE80T6004 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
2
Mechanical Specifications
Size
Length
1.21 in [30.73 mm]
Width
0.81 in [20.57 mm]
.
Environmental Specifications
Temperature
Operating Range
-65 to +115 deg C
Storage Range
-65 to +125 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
PE80T6004 REV 1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Tunnel Diode Detector, SMA, 5 nsec Pulse Risetime, Negative Video Out, +17 dBm max Pin,
500 MHz to 18 GHz PE80T6004
Detectors Technical Data Sheet
PE80T6004
Tunnel Diode Detector, SMA, 5 nsec Pulse Risetime, Negative
Video Out, +17 dBm max Pin, 500 MHz to 18 GHz



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com