| 전자부품 데이터시트 검색엔진 |
|
MP7612AP 데이터시트(PDF) 16 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
MP7612AP 데이터시트(HTML) 16 Page - Exar Corporation |
|
16 / 20 page ![]() MP7612 16 Rev. 3.00 SYMBOL MIN MAX MIN MAX A 0.093 0.104 2.35 2.65 A1 0.004 0.012 0.10 0.30 B 0.013 0.020 0.33 0.51 C 0.009 0.013 0.23 0.32 D 0.706 0.718 17.93 18.24 E 0.340 0.350 8.64 8.89 e 0.050 BSC 1.27 BSC H 0.460 0.485 11.68 12.32 L 0.016 0.050 0.40 1.27 α 0 ° 8 ° 0 ° 8 ° INCHES MILLIMETERS 28 LEAD SMALL OUTLINE (350 MIL JEDEC SOIC) e D E H B A L C A1 Seating Plane α 28 15 14 Note: The control dimension is the millimeter column 1 |