| 전자부품 데이터시트 검색엔진 |
|
WD2000M 데이터시트(PDF) 5 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
WD2000M 데이터시트(HTML) 5 Page - List of Unclassifed Manufacturers |
|
5 / 11 page ![]() TIPS NT SERIES TIPS FOR WMP MICRO SOLDERING PENCIL / TINNED WITH LEAD FREE SOLDER LT SERIES TIPS FOR WSP80 SOLDERING PENCIL / TINNED WITH LEAD FREE SOLDER A C Cat No. IN. MM IN. MM NT1 0.010 0.25 0.291 7.40 NT1S 0.010 0.25 0.333 8.45 M I C R O A C B E N T R O U N D B C A B C Cat No. IN. MM IN. MM IN. MM NT1X 0.016 0.40 0.063 1.60 0.321 8.15 A C Cat No. IN. MM IN. MM NT4 0.047 1.20 0.390 9.90 R O U N D A C A B C Cat No. IN. MM IN. MM IN. MM NT6 0.063 1.60 0.016 0.40 0.372 9.45 NTA 0.063 1.60 0.016 0.40 0.331 8.40 NTB 0.094 2.40 0.031 0.80 0.289 7.35 NTC 0.126 3.20 0.031 0.80 0.305 7.75 NTD 0.157 4.00 0.031 0.80 0.305 7.75 NTH 0.031 0.80 0.016 0.40 0.331 8.40 NTK 0.047 1.20 0.016 0.40 0.331 8.40 A B C C H I S E L B E N T C H I S E L A C A B C Cat No. IN. MM IN. MM IN. MM NTAX 0.063 1.60 0.031 0.80 0.339 8.61 G U L L W I N G F O R D R A G S O L D E R I N G A B C A B C Cat No. IN. MM IN. MM IN. MM NTGW 0.079 2.00 0.118 3.00 0.528 13.40 A B C Cat No. IN. MM IN. MM IN. MM LTA 0.063 1.60 0.028 0.70 0.380 9.70 LTB 0.094 2.40 0.031 0.79 0.430 10.90 LTC 0.126 3.20 0.031 0.79 0.430 10.90 LTD 0.181 4.60 0.031 0.79 0.430 10.90 LTH 0.031 0.79 0.016 0.40 0.430 10.90 LTK 0.047 1.20 0.016 0.40 0.730 18.50 LTL 0.078 2.00 0.039 1.00 0.790 20.00 LTM 0.126 3.20 0.047 1.20 0.790 20.00 A B C C H I S E L A B C B E N T C H I S E L A B C Cat No. IN. MM IN. MM IN. MM LT4X 0.047 1.20 0.016 0.40 0.590 15.00 LTAX 0.063 1.60 0.032 0.80 0.500 12.70 LTHX 0.031 0.79 0.016 0.40 0.790 20.00 A C A C Cat No. IN. MM IN. MM LT1 0.010 0.25 0.430 10.90 LT1L 0.008 0.20 0.980 25.00 LT1S 0.008 0.20 0.790 20.00 LTAS 0.063 1.60 0.380 9.70 LTCS 0.126 3.20 0.430 10.90 LTS 0.016 0.40 0.790 20.00 R O U N D A C A C Cat No. IN. MM IN. MM LT1LX 0.008 0.20 0.980 25.00 LT1SLX 0.012 0.30 0.760 19.20 LT1X 0.010 0.25 0.370 9.40 B E N T R O U N D A B C K N I F E A B C Cat No. IN. MM IN. MM IN. MM LTKN 0.059 1.50 0.033 0.80 0.730 18.50 A C S I N G L E F L AT A C Cat No. IN. MM IN. MM LTF 0.047 1.20 0.490 12.50 5 S M T B L A D E A B C Cat No. IN. MM IN. MM IN. MM LTSMT01 0.410 10.41 0.022 0.56 0.280 7.11 LTSMT02 0.620 16.75 0.022 0.56 0.280 7.11 LTSMT03 0.820 20.83 0.022 0.56 0.280 7.11 B C A |