전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM186EM-25VC/W 데이터시트(PDF) 2 Page - Advanced Micro Devices

부품명 AM186EM-25VC/W
상세설명  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EM-25VC/W 데이터시트(HTML) 2 Page - Advanced Micro Devices

  AM186EM-25VC/W Datasheet HTML 1Page - Advanced Micro Devices AM186EM-25VC/W Datasheet HTML 2Page - Advanced Micro Devices AM186EM-25VC/W Datasheet HTML 3Page - Advanced Micro Devices AM186EM-25VC/W Datasheet HTML 4Page - Advanced Micro Devices AM186EM-25VC/W Datasheet HTML 5Page - Advanced Micro Devices AM186EM-25VC/W Datasheet HTML 6Page - Advanced Micro Devices AM186EM-25VC/W Datasheet HTML 7Page - Advanced Micro Devices AM186EM-25VC/W Datasheet HTML 8Page - Advanced Micro Devices AM186EM-25VC/W Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 98 page
background image
2
Am186/188EM and Am186/188EMLV Microcontrollers
PRELIMINA R Y
Am186EM MICROCONTROLLER BLOCK DIAGRAM
Note:
* All PIO signals are shared with other physical pins. See the pin descriptions beginning on page 25 and Table 2 on page 30 for
information on shared functions.
S2–S0
Interrupt
Control Unit
Timer Control
Unit
DMA
Unit
Bus
Interface
Unit
Execution
Unit
Chip-Select
Unit
Clock and
Power
Management
Unit
Control
Registers
16-Bit Count
Registers
Max Count A
Registers
16-Bit Count
Registers
20-Bit Destination
Pointers
20-Bit Source
Pointers
Control
Registers
Control
Registers
Control
Registers
01 (WDT)
2
0
1
Max Count B
Registers
Refresh
Control
Unit
Control
Registers
Control
Registers
Control
Registers
CLKOUTB
CLKOUTA
INT4
INT3/INTA1/IRQ
INT2/INTA0
INT1/SELECT
INT0
TMROUT0
TMROUT1
DRQ0
DRQ1
VCC
GND
TMRIN0
TMRIN1
ARDY
SRDY
DT/R
DEN
HOLD
HLDA
Asynchronous
Serial Port
Synchronous Serial
Interface
TXD
RXD
SCLK
SDATA
SDEN0 SDEN1
NMI
A19–A0
AD15–AD0
ALE
BHE/ADEN
WR
WLB
WHB
RD
RES
LCS/ONCE0
MCS2–MCS0
PCS6/A2
PCS3–PCS0
PCS5/A1
UCS/ONCE1
X2
X1
Control
Registers
PSRAM
Control
Unit
MCS3/RFSH
PIO
Unit
PIO31–
PIO0*
S6/
UZI
CLKDIV2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98