전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

19-226-R6BHC-B01-2T 데이터시트(PDF) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

부품명 19-226-R6BHC-B01-2T
상세설명  Chip LED with Bi-Color (Multi-Color)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
홈페이지  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

19-226-R6BHC-B01-2T 데이터시트(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  19-226-R6BHC-B01-2T Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-226-R6BHC-B01-2T Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-226-R6BHC-B01-2T Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-226-R6BHC-B01-2T Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-226-R6BHC-B01-2T Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-226-R6BHC-B01-2T Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-226-R6BHC-B01-2T Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-226-R6BHC-B01-2T Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-226-R6BHC-B01-2T Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 1
Page: 1 of 11
Device No:DSE-926-015
Prepared date: 17-Jan-2006
Prepared by: Jessica Chang
Technical Data Sheet
Chip LED with Bi-Color (Multi-Color)
19-226/R6BHC-B01/2T
Features
․Package in 8mm tape on 7〞diameter reel.
․Compatible with automatic placement equipment.
․Compatible with infrared and vapor phase reflow
solder process.
․Multi-color type.
․Pb-free.
‧RoHS refer to SMD B TYPE SGS report
Descriptions
․The 19-226 SMD Taping is much smaller
than lead frame type components, thus
enable smaller board size, higher packing
density, reduced storage space and finally
smaller equipment to be obtained.
․Besides, lightweight makes them ideal for
miniature applications. etc.
Applications
․Backlighting in dashboard and switch.
․Telecommunication: indicator and backlighting in
telephone and fax.
․Flat backlight for LCD, switch and symbol.
․General use.
Device Selection Guide
Chip
Type
Material
Emitted Color
Lens Color
R6
AlGaInP
Brilliant Red
BH
InGaN
Blue
Water Clear
香港至恩科技有限公司  
  www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076


유사한 부품 번호 - 19-226-R6BHC-B01-2T

제조업체부품명데이터시트상세설명
logo
Everlight Electronics C...
19-226-R6BHC-B01-2T EVERLIGHT-19-226-R6BHC-B01-2T Datasheet
181Kb / 11P
Chip LED with Bi-Color (Multi-Color)
More results

유사한 설명 - 19-226-R6BHC-B01-2T

제조업체부품명데이터시트상세설명
logo
Everlight Electronics C...
11-22-R6G6C-QSANP-2T EVERLIGHT-11-22-R6G6C-QSANP-2T Datasheet
178Kb / 11P
Chip LED with Bi-Color (Multi-Color)
19-22-R6G6C-A01-2T EVERLIGHT-19-22-R6G6C-A01-2T Datasheet
199Kb / 12P
Chip LED with Bi-Color(Multi-Color)
19-223-Y2G6C-A01-2T EVERLIGHT-19-223-Y2G6C-A01-2T Datasheet
174Kb / 11P
Chip LED with Bi-Color(Multi-Color)
19-123-Y2ST1D-C30-2T EVERLIGHT-19-123-Y2ST1D-C30-2T_11 Datasheet
309Kb / 14P
Chip LED with Bi-Color(Multi-Color)
19-223-Y2G6C-A01-2T EVERLIGHT-19-223-Y2G6C-A01-2T_11 Datasheet
350Kb / 11P
Chip LED with Bi-Color(Multi-Color)
19-226-R6G7C-A01-2T EVERLIGHT-19-226-R6G7C-A01-2T Datasheet
209Kb / 12P
Chip LED with Bi-Color (Multi-Color)
logo
HK TO-GRACE TECHNOLOGY ...
11-22-R6G6C-QSANP-2T TO-GRACE-11-22-R6G6C-QSANP-2T Datasheet
829Kb / 11P
Chip LED with Bi-Color (Multi-Color)
18-225-R6G6C-A01-3T TO-GRACE-18-225-R6G6C-A01-3T Datasheet
971Kb / 12P
Chip LED with Bi-Color(Multi-Color)
19-22-R6G6C-A01-2T TO-GRACE-19-22-R6G6C-A01-2T Datasheet
842Kb / 12P
Chip LED with Bi-Color(Multi-Color)
19-223-R7BHC-A30-2T TO-GRACE-19-223-R7BHC-A30-2T Datasheet
994Kb / 12P
Chip LED with Bi-Color(Multi-Color)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com