전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PD69108 데이터시트(PDF) 14 Page - Microsemi Corporation

부품명 PD69108
상세설명  8 PORTS PSE POE MANAGER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69108 데이터시트(HTML) 14 Page - Microsemi Corporation

Back Button PD69108 Datasheet HTML 9Page - Microsemi Corporation PD69108 Datasheet HTML 10Page - Microsemi Corporation PD69108 Datasheet HTML 11Page - Microsemi Corporation PD69108 Datasheet HTML 12Page - Microsemi Corporation PD69108 Datasheet HTML 13Page - Microsemi Corporation PD69108 Datasheet HTML 14Page - Microsemi Corporation PD69108 Datasheet HTML 15Page - Microsemi Corporation PD69108 Datasheet HTML 16Page - Microsemi Corporation PD69108 Datasheet HTML 17Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
PD69108/F
DATASHEET
Copyright © 2013
Microsemi
Rev. 1.6
Analog Mixed Signal Group
1 Enterprise, Aliso Viejo, CA 92656, USA; Within the USA: (800) 713-4113, Outside the USA: (949) 221-7100 Fax: (949) 756-0308
14
8 PORTS PSE POE MANAGER
TM
®
Theory of Operation
The PD69108 performs IEEE802.3af and IEEE802.3at
functionality as well as legacy (capacitor) and Cisco’s
PDs detection and additional protections such as short
circuit and dV/dT protection upon startup.
Line Detection
The Line Detection feature detects a valid AF or AT
load, as specified in the AF / AT standard. The resistor
value should go from 19
kΩ to 26.5 kΩ. Line detection
is based on four different voltage levels generated over
the PD (the load) as illustrated in Figure 2.
v
t
2 Events
Classification Phase
Detection
Phase
Start-Up
(Inrush)
Power
“ON”
Power
“OFF”
Figure 2: Typical PoE Voltage Time Diagram
Legacy (Cap) Detection
In cases where legacy is set, the PD69108's Detection
mechanism detects and powers up legacy PDs as well
as AF/AT compliant PDs.
This mechanism is designed to detect and power up
CISCO legacy PDs as well.
Classification
The classification process takes place immediately after
resistor detection has successfully completed. The goal
of the classification process is to detect PD class, as
specified in the IEEE802.3AF and AT standards.
In the AF mode, classification mechanism is based on a
single voltage level (single finger).
In the AT mode, classification mechanism is based on
two voltage levels (dual finger) as defined in
IEEE802.3at-2009.
Port Start Up
Upon a successful detection and classification process,
power is applied to the load via a controlled Start Up
mechanism.
During this period current is limited to 425 mA for a
typical duration of 65 mS, which allows the PD load to
charge and allow steady state power condition.
Over-Load Detection and Port Shut Down
After power up, the PD69108 automatically initializes its
internal protection mechanisms utilized to monitor and
disconnect power from the load in cases where extreme
conditions such as over-current or short ports terminals
scenario occur, as specified in the IEEE802.3AF/AT
standard.
Disconnect Detection
The PD69108 supports DC Disconnect Function as per
the IEEE802.3AF/AT standard.
This mechanism continuously monitors load current and
disconnects power in cases where load current is below
7.5 mA (typical) for more than 322 mS.
Over-Temperature Protection
The PD69108 has internal temperature sensors that
continuously monitor the main MOSFET junction
temperature and disconnect load power in cases where



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com