| 전자부품 데이터시트 검색엔진 |
|
PD69108F 데이터시트(PDF) 10 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
PD69108F 데이터시트(HTML) 10 Page - Microsemi Corporation |
|
10 / 17 page ![]() PD69108/F DATASHEET Copyright © 2013 Microsemi Rev. 1.6 Analog Mixed Signal Group 1 Enterprise, Aliso Viejo, CA 92656, USA; Within the USA: (800) 713-4113, Outside the USA: (949) 221-7100 Fax: (949) 756-0308 10 8 PORTS PSE POE MANAGER TM ® SPI Detailed Timing Information Name Min Delay Max Delay Description D1 714ns SPI clock period D2 45 55 SPI duty cycle D3 340 ns SPI_CS setup to SPI clock Positive Edge (delay after SPI_CS active signal) D4 340 ns SPI_CS hold to SPI clock Positive Edge (delay before SPI_CS inactive Signal) D5 2 spi clock cycles Delay between last SCK in eSPI1 frame and first SCK at adjacent eSPI1 frame D6 1 spi clock cycles Between byte 0 (IC addr) and byte 1(addr) D7 1 spi clock cycles Between byte 1 (addr) and byte 2(data). D8 1 SPI clock cycles Between byte 2 (MS data byte) and byte 3(LS data byte). D9 340 ns MOSI setup time D10 210 ns MOSI hold time D11 140ns MISO tri-state to valid data from clock positive edge D12 300ns MISO valid data to tri-state from SPI_CS positive edge D13 1 SPI clock cycles SPI_CS width (Delay eSPI1 frame to adjacent eSPI1 frame) D14 60ns Filtered Glitch Width D15 D3 + 15.5 SPI clock cycles D3+23.75 SPI clock cycles MISO tri-state from SPI_CS Negative Edge to valid data D3 D4 D1 D2 D7 D6 D8 D9 D10 CS_N SCK MOSI MISO D5 D11 D12 D2 SPI1 frame 8 SCK clock cycles 8 SCK clock cycles 8 SCK clock cycles D13 Noise Spike D14 D15 |