| 전자부품 데이터시트 검색엔진 |
|
SC1189SWTR 데이터시트(PDF) 11 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC1189SWTR 데이터시트(HTML) 11 Page - Semtech Corporation |
|
11 / 16 page ![]() 11 2004 Semtech Corp. www.semtech.com POWER MANAGEMENT SC1189 FOLDBACK CURRENT LIMITING The SC1189 implements a “Hard Current Limit” overcurrent protection for the switching supply output. In a short circuit condition, this will lead to higher than nor- mal power dissipation in the bottom side FETs. If this is problematic, foldback current limiting can be easily and inexpensively implemented to drastically reduce dissipa- tion during output short circuit Output Current Path D1 1N4148 To CS+ To CS- L1 VCS VO VIN RA RB RC RD RF RS Foldback current limit components 0 1 01 Breakpoint IOLIM IOS VB Foldback current limit characteristics For a complete design procedure for foldback current lim- iting see Application Note AN01-2, “Foldback Current Limit”. An abbreviated procedure is given below. 1) Choose values for I OLIM and RS and calculate the ratio S O CS F D F R I V R R R LIM ⋅ = + If this ratio > 1, the value of R S or IOLIM must be increased. Then let R F=1kW and calculate RD. 2) Choose a short circuit current (I OS) and calculate M, do not be too agressive with M, a value between 2 and 3 should be sufficient. Choosing too low a value for I OS will result in a high value for M and may cause startup prob- lems due to insufficient current. OS OLIM I I M = 3) Choose V B and calculate RB ) R R ( V ) 1 M ( R R V M R F D CS F D B B + − ⋅ ⋅ ⋅ = 4) Calculate the ratio of the input divider 0.6V) ( diode of drop Voltage Forward V where V V V V ) R R ( R F IN F CS B C A C ≈ = + + = + Choose R C<RB/10 and calculate RA SHOR SHOR SHOR SHOR SHORT CIR T CIR T CIR T CIR T CIRCUIT PR CUIT PR CUIT PR CUIT PR CUIT PRO O O O OTECTION - LINEARS TECTION - LINEARS TECTION - LINEARS TECTION - LINEARS TECTION - LINEARS The Short circuit feature on the linear controllers is imple- mented by using the Rds(on) of the FETs. As output cur- rent increases, the regulation loop maintains the output voltage by turning the FET on more and more. Eventually, as the Rds(on) limit is reached, the FET will be unably to turn on more fully, and output voltage will start to fall. When the output voltage falls to approximately 50% of nominal, the LDO controller is latched off, setting output voltage to 0. Power must be cycled to reset the latch. To prevent false latching due to capacitor inrush currents or low supply rails, the current limit latch is initially dis- abled. It is enabled at a preset time (nominally 2mS) after both the LDOV and LDOEN rails rise above their lockout points. To be most effective, the linear FET Rds(on) should not be selected artificially low, the FET should be chosen so that, at maximum required current, it is almost fully turned on. If, for example, a linear supply of 1.5V at 4A is required from a 3.3V ± 5% rail, max allowable Rds(on) would be. Rds(on)max = (0.95*3.3-1.5)/4 » 400m Ω To allow for temperature effects 200m Ω would be a suit- able room temperature maximum, allowing a peak short circuit current of approximately 15A for a short time be- fore shutdown. |