전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FJPF5021 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 FJPF5021
상세설명  High Voltage and High Reliability
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FJPF5021 데이터시트(HTML) 2 Page - ON Semiconductor

  FJPF5021 Datasheet HTML 1Page - ON Semiconductor FJPF5021 Datasheet HTML 2Page - ON Semiconductor FJPF5021 Datasheet HTML 3Page - ON Semiconductor FJPF5021 Datasheet HTML 4Page - ON Semiconductor FJPF5021 Datasheet HTML 5Page - ON Semiconductor FJPF5021 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. A, May 2003
NPN Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
hFE Classification
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
800
V
V CEO
Collector-Emitter Voltage
500
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current (DC)
5
A
ICP
Collector Current (Pulse)
10
A
IB
Base Current
2
A
PC
Collector Dissipation (TC=25°C)
40
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCBO
Collector-Base Breakdown Voltage
IC = 1mA, IE = 0
800
V
BVCEO
Collector-Emitter Sustaining Voltage
IC = 5mA, IB = 0
500
V
BVEBO
Emitter-Base Breakdown Voltage
IE = 1mA, IC = 0
7
V
VCEX (sus)
Collector-Emitter Sustaining Voltage
IC = 2.5A, IB1 = -IB2 = 1A
L = 1mH, Clamped
500
V
ICBO
Collector Cut-off Current
VCB = 500V, IE = 0
10
µA
IEBO
Emitter Cut-off Current
VEB = 5V, IC = 0
10
µA
hFE1
hFE2
DC Current Gain
VCE = 5V, IC = 0.6A
VCE = 5V, IC = 3A
15
8
50
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 3A, IB = 0.6A
1
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 3A, IB = 0.6A
1.5
V
Cob
Output Capacitance
VCB = 10V, IE = 0, f = 1MHz
80
pF
fT
Current Gain Bandwidth Product
VCE = 10V, IC = 0.6A
15
MHz
tON
Turn On Time
VCC = 200V
IC = 5IB1 = -2.5IB2 = 4A
RL = 50Ω
0.5
µs
tSTG
Storage Time
3
µs
tF
Fall Time
0.1
0.3
µs
Classification
R
O
Y
hFE1
15 ~ 30
20 ~ 40
30 ~ 50
FJPF5021
High Voltage and High Reliability
• High Speed Switching : tF = 0.1µs(Typ.)
•Wide SOA
1
1.Base
2.Collector
3.Emitter
TO-220F



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com