| 전자부품 데이터시트 검색엔진 |
|
PA2460 데이터시트(PDF) 2 Page - Princeton Technology Corp |
|
|
|||||||||||||||||||||||||||||
PA2460 데이터시트(HTML) 2 Page - Princeton Technology Corp |
|
2 / 15 page ![]() PA2460/PA2460-LF Power Amplifier Page 2 Aug 2008 Package and Pin Assignment: 8-Pin SOP(FD) Symbols Dimensions in mm Dimensions in inch min. nom. max. min. nom. max. A 1.45 1.50 1.55 0.057 0.059 0.061 A1 0.00 --- 0.10 0.000 — 0.004 A2 --- 1.45 --- --- 0.057 --- B 0.33 --- 0.51 0.013 --- 0.020 C 0.19 --- 0.25 0.007 --- 0.010 D 4.80 --- 5.00 0.189 --- 0.197 E 3.80 --- 4.00 0.150 --- 0.157 e — 1.27 — — 0.050 — H 5.80 --- 6.20 0.228 --- 0.244 L 0.40 — 1.27 0.016 — 0.050 y — — 0.10 — — 0.004 θ 0 ° — 8 ° 0 ° — 8 ° |