| 전자부품 데이터시트 검색엔진 |
|
STM32WB55CC 데이터시트(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WB55CC 데이터시트(HTML) 57 Page - STMicroelectronics |
|
57 / 165 page ![]() DS11929 Rev 3 57/165 STM32WB55xx Pinouts and pin description 69 5 6 F7 PB8 I/O FT_fl - TIM1_CH2N, SAI1_PDM_CK1, I2C1_SCL, QUADSPI_BK1_IO1, LCD_SEG16, SAI1_MCLK_A, TIM16_CH1, CM4_EVENTOUT - 6 7 F10 PB9 I/O FT_fla - TIM1_CH3N, SAI1_PDM_DI2, I2C1_SDA, SPI2_NSS, IR_OUT, TSC_G7_IO4, QUADSPI_BK1_IO0, LCD_COM3, SAI1_FS_A, TIM17_CH1, CM4_EVENTOUT - 7 8 F9 NRST I/O RST - - - -9 F8 PC0 I/O FT_fla - LPTIM1_IN1, I2C3_SCL, LPUART1_RX, LCD_SEG18, LPTIM2_IN1, CM4_EVENTOUT ADC1_IN1 -10 G8 PC1 I/O FT_fla - LPTIM1_OUT, SPI2_MOSI, I2C3_SDA, LPUART1_TX, LCD_SEG19, CM4_EVENTOUT ADC1_IN2 - 11 G9 PC2 I/O FT_la - LPTIM1_IN2, SPI2_MISO, LCD_SEG20, CM4_EVENTOUT ADC1_IN3 - 12 G10 PC3 I/O FT_a - LPTIM1_ETR, SAI1_PDM_DI1, SPI2_MOSI, LCD_VLCD, SAI1_SD_A, LPTIM2_ETR, CM4_EVENTOUT ADC1_IN4 - - H10 VSSA S - - - - - 13 H8 VREF+ S - - - VREFBUF_OUT 8 14 H9 VDDA S - (3) -- - - J9 VSS S - - - - - - J10 VDD S - - - - 9 15 G7 PA0 I/O FT_a - TIM2_CH1, COMP1_OUT, SAI1_EXTCLK, TIM2_ETR, CM4_EVENTOUT COMP1_INM, ADC1_IN5, RTC_TAMP2/WKUP1 10 16 G8 PA1 I/O FT_la - TIM2_CH2, I2C1_SMBA, SPI1_SCK, LCD_SEG0, CM4_EVENTOUT COMP1_INP, ADC1_IN6 Table 16. STM32WB55xx pin and ball definitions (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |