전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KMM372C410CS 데이터시트(PDF) 19 Page - Samsung semiconductor

부품명 KMM372C410CS
상세설명  4M x 72 DRAM DIMM with ECC using 4Mx4, 4K 2K Refresh, 5V
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM372C410CS 데이터시트(HTML) 19 Page - Samsung semiconductor

Back Button KMM372C410CS Datasheet HTML 11Page - Samsung semiconductor KMM372C410CS Datasheet HTML 12Page - Samsung semiconductor KMM372C410CS Datasheet HTML 13Page - Samsung semiconductor KMM372C410CS Datasheet HTML 14Page - Samsung semiconductor KMM372C410CS Datasheet HTML 15Page - Samsung semiconductor KMM372C410CS Datasheet HTML 16Page - Samsung semiconductor KMM372C410CS Datasheet HTML 17Page - Samsung semiconductor KMM372C410CS Datasheet HTML 18Page - Samsung semiconductor KMM372C410CS Datasheet HTML 19Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
DRAM MODULE
KMM372C410CK/CS
KMM372C400CK/CS
PACKAGE DIMENSIONS
Units : Inches (millimeters)
5.250
5.014
0.050
0.039
±.002
0.010Max
(0.250 Max)
0.150Max
(3.81Max)
0.050
±0.0039
(1.270
±0.10)
R 0.079
(R 2.000)
0.250
(6.350)
1.450
(36.830)
2.150
(54.61)
0.350
(1.000
±.050)
(1.270)
Detail C
.118DIA
±.004
(3.000DIA
±.100)
(8.890)
A
B
C
0.250
(6.350)
.450
(11.430)
4.550
(115.57)
0.157
±0.004
(4.000
±0.100)
0.054
(1.372)
(127.350)
(133.350)
0.118
(3.000)
0.250
(6.350)
Detail A
0.123
±.005
(3.125
±.125)
0.250
(6.350)
Detail B
0.123
±.005
(3.125
±.125)
0.079
±.004
(2.000
±.100)
0.079
±.004
(2.000
±.100)
( Back view )
( Front view )
(TSOP)
0.350Max
(8.89Max)
(SOJ)
Tolerances :
±.005(.13) unless otherwise specified
The used device is 4Mx4 DRAM with Fast Page mode, SOJ or TSOP II (Forward).
DRAM Part No. : KMM372C400CK/CS - KM44C4000CK, KM44C4000CS
KMM372C410CK/CS - KM44C4100CK, KM44C4100CS
Revision History
Rev 0.0 : Aug. 1997



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com