전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BUL44 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 BUL44
상세설명  POWER TRANSISTOR 2.0 AMPERES 700 VOLTS 40 and 100 WATTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUL44 데이터시트(HTML) 3 Page - ON Semiconductor

  BUL44 Datasheet HTML 1Page - ON Semiconductor BUL44 Datasheet HTML 2Page - ON Semiconductor BUL44 Datasheet HTML 3Page - ON Semiconductor BUL44 Datasheet HTML 4Page - ON Semiconductor BUL44 Datasheet HTML 5Page - ON Semiconductor BUL44 Datasheet HTML 6Page - ON Semiconductor BUL44 Datasheet HTML 7Page - ON Semiconductor BUL44 Datasheet HTML 8Page - ON Semiconductor BUL44 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BUL44 BUL44F
3
Motorola Bipolar Power Transistor Device Data
r
2.0
IB, BASE CURRENT (mA)
0
1000
100
10
1.0
1.0
10
IC, COLLECTOR CURRENT (AMPS)
0.01
10
1.0
0.1
0.01
1.0
0.1
TYPICAL STATIC CHARACTERISTICS
100
IC, COLLECTOR CURRENT (AMPS)
1.0
10
1.0
0.1
0.01
10
1.0
10
100
1.0
10
100
1000
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
IC, COLLECTOR CURRENT (AMPS)
10
1.0
0.1
0.01
1.2
0.4
0.9
0.7
0.5
0.6
0.8
1.1
1.0
VCE = 1 V
TJ = 125°C
TJ = 25°C
100
IC, COLLECTOR CURRENT (AMPS)
1.0
10
1.0
0.1
0.01
10
VCE = 5 V
TJ = 125°C
TJ = 25°C
TJ = – 20°C
TJ = 25°C
IC = 0.2 A
0.4 A
1 A
1.5 A
2 A
IC/IB = 10
IC/IB = 5
TJ = 25°C
TJ = 125°C
IC/IB = 5
IC/IB = 10
Figure 1. DC Current Gain at 1 Volt
Figure 2. DC Current Gain at 5 Volts
Figure 3. Collector Saturation Region
Figure 4. Collector–Emitter Saturation Voltage
Figure 5. Base–Emitter Saturation Region
Figure 6. Capacitance
CIB
COB
TJ = 25°C
f = 1 MHz
TJ = 25°C
TJ = 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com