전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CRE24F2PRANE 데이터시트(PDF) 2 Page - ZF Friedrichshafen AG

부품명 CRE24F2PRANE
상세설명  Lighted and non-lighted versions
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZFSWITCHES [ZF Friedrichshafen AG]
홈페이지  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

CRE24F2PRANE 데이터시트(HTML) 2 Page - ZF Friedrichshafen AG

  CRE24F2PRANE Datasheet HTML 1Page - ZF Friedrichshafen AG CRE24F2PRANE Datasheet HTML 2Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.cherryswitches.com
Page 2 of 2, Last update 2015-09-16, Specifications subject to change without notice.
Electrical Specifications
Inrush Rating
24 A
Dielectric Strength
1000 VAC for 1 minute
Insulation Resistance
100 MΩ min at 500 VDC
Initial Contact Resistance
0.020 Ω max
Electrical Ratings
Switch Function
EN61058-1
UL Gen Purpose 1054
UL HP
2 and 3
16 (4) A 250 VAC T125/55
20 A 125 VAC / 16 A 250 VAC
¾ HP 250 VAC
4
16 (4) A 250 ~ µ T125/55
20 A 125 VAC / 16A 250 VAC
¾ HP 250 VAC
Electrical Life at Rated Load
VDE
UL
Minimum Operations
10,000
6,000
UL File No: E23301
Material and Environmental Specifications
Actuator, non-lighted
Nylon 66 94V-2
Actuator, lighted
Polycarbonate
Base
Nylon 66 94V-2
Spring
Steel Wire
Contacts
Silver Alloy
Movable Arm
Silver-Plated Copper Alloy
Terminals
Tin-Plated Copper Alloy
Operating Temperature Range
-20
OC to +85 OC (-4 OF to +185 OF)
Circuitry and Switch Functions
Dimensions mm (inches)



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com