전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CRE24T2PRANE 데이터시트(PDF) 1 Page - ZF Friedrichshafen AG

부품명 CRE24T2PRANE
상세설명  Lighted and non-lighted versions
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZFSWITCHES [ZF Friedrichshafen AG]
홈페이지  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

CRE24T2PRANE 데이터시트(HTML) 1 Page - ZF Friedrichshafen AG

  CRE24T2PRANE Datasheet HTML 1Page - ZF Friedrichshafen AG CRE24T2PRANE Datasheet HTML 2Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cherryswitches.com
Page 1 of 2, Last update 2015-09-16, Specifications subject to change without notice.
Rocker Switch
Single Pole
CR Series
Features
•
Rugged design rated for 20 A UL (16 A VDE)
•
Washable option available
•
Two-color actuator available
•
RoHS Compliant
•
Lighted and non-lighted versions
•
Minimum 100,000 operations mechanical life
Standard Parts
1
North America and Europe
Europe
CRE22F2BBALE
CRE22F2BBULE
CRE22F2PBBNE
CRE22F4FBBNE
CRE22F2BBAEE
CRE22F2BBBNE
CRE22F2FBBNE
CRE22F4BBBNE
CRE23F2BBBNE
CRE22F2BBGEE
CRE22F2BBGLE
CRE22F2FBRNE
CRE22F4DBBNE
CRE24F2HBBNE
CRE22F2BBREE
CRE22F2BBRLE
1The part number configuration matrix below provides details to the part numbers above.
For configurable part numbers that are not listed above or for custom part numbers, contact the factory or your distributor.
Part Number Breakdown
CRE22F2FBBNE
CR E 2 2 F 2
Series
Contact Rating
2
Circuitry
Switch Function
Terminal Type
Actuator Type
CR
E
2
Single pole
2
ON-OFF
F
6.4 mm (0.250”) quick
connect
2
Curve – 1 color
3
ON-ON
T
6.4 mm (0.250”)
solder tag
4
3
Curve – 2 color red
mold
3
4
ON-OFF-ON
2See Electrical Specifications section
3Option not available with Body Type W (washable)
F B B N E 01
Actuator Marking
Housing Color
Actuator Color
Lighted
Body Type
B
Blank
B
Black
A
Amber
N
Non-lighted
E
12.1 mm (0.476”) Non-washable
D
R
Red
B
Black
E
250 VAC bulb
F
13.41 mm (0.528”) Non-washable
E
O
I
W
White
E
Charcoal Grey
L
125 VAC bulb
G
13.79 mm (0.543”) Non-washable
F
Y
Grey
G
Green
W
13.8 mm (0.543”) Washable – IP42
G
●
R
Red
H
I O II
S
Semi-Translucent
Nylon Red
K
OFF ON
U
Blue
P
W
White
Y
Grey


유사한 부품 번호 - CRE24T2PRANE

제조업체부품명데이터시트상세설명
logo
Cherry Semiconductor Co...
CRE24F2HBBNE CHERRY-CRE24F2HBBNE Datasheet
246Kb / 2P
Rocker Switch Single Pole
More results

유사한 설명 - CRE24T2PRANE

제조업체부품명데이터시트상세설명
logo
C&K Components
K5AT CK-COMPONENTS-K5AT Datasheet
448Kb / 2P
Lighted SMT Tact Switch
logo
E-SWITCH
ULP E-SWITCH-ULP Datasheet
580Kb / 3P
PUSHBUTTON SWITCHES - LIGHTED
logo
Omron Electronics LLC
A3PA-7010-2 OMRON-A3PA-7010-2 Datasheet
2Mb / 27P
Large Square-bodied Lighted Pushbutton Switches
logo
ITT Industries
K5V_PM ITT-K5V_PM Datasheet
238Kb / 2P
Panel Mount Lighted Tact Switch
K5V_SMT ITT-K5V_SMT Datasheet
220Kb / 2P
Right Angle Lighted SMT Tact Switch
logo
Carling Technologies
LRA911-RS-B CARLINGTECH-LRA911-RS-B Datasheet
625Kb / 4P
Single Pole Lighted Rocker
LTA201-PR-B-A CARLINGTECH-LTA201-PR-B-A Datasheet
606Kb / 4P
Single Pole Lighted Rocker Switches
logo
Omron Electronics LLC
A3G OMRON-A3G Datasheet
296Kb / 18P
Lighted and non-lighted/convex versions
A16 OMRON-A16 Datasheet
6Mb / 28P
Pushbutton Switch (Detachable) (Lighted/Non-Lighted) (Cylindrical 16-dia.)
A3C OMRON-A3C Datasheet
2Mb / 14P
Pushbutton Switch (Lighted/Non-Lighted) (Cylindrical 12-dia.)
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com