전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PKA2411PIL 데이터시트(PDF) 12 Page - Ericsson

부품명 PKA2411PIL
상세설명  25-40 W DC/DC Power Modules 24 V Input Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ERICSSON [Ericsson]
홈페이지  http://www.ericsson.com
Logo ERICSSON - Ericsson

PKA2411PIL 데이터시트(HTML) 12 Page - Ericsson

Back Button PKA2411PIL Datasheet HTML 8Page - Ericsson PKA2411PIL Datasheet HTML 9Page - Ericsson PKA2411PIL Datasheet HTML 10Page - Ericsson PKA2411PIL Datasheet HTML 11Page - Ericsson PKA2411PIL Datasheet HTML 12Page - Ericsson PKA2411PIL Datasheet HTML 13Page - Ericsson PKA2411PIL Datasheet HTML 14Page - Ericsson PKA2411PIL Datasheet HTML 15Page - Ericsson PKA2411PIL Datasheet HTML 16Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
EN/LZT 146 09 R1A © Ericsson Microelectronics AB, June 2000
12
PKA 2323 PI, CI
PKA 2411 PIL
PKA2211 PI, CI
Power derating
Output characteristic (typ)
Efficiency (typ)
Efficiency (typ)
Output characteristic (typ)
Power derating
Efficiency (typ)
Output characteristic (typ)
Power derating
Output characteristic (typ)
19 V
35 V
Load current (A)
60
70
80
90
5
1
2
3
4
Load current (A)
60
70
80
90
1.6
3.2
4.8
6.4
8.0
19 V
35 V
Load current Output 1(A), I
O2 = IO1
60
70
80
90
0.25
0.50
0.75
1.0
1.25
19 V
35 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com