| 전자부품 데이터시트 검색엔진 |
|
T89C51SND1-ROTIL 데이터시트(PDF) 11 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T89C51SND1-ROTIL 데이터시트(HTML) 11 Page - ATMEL Corporation |
|
11 / 60 page ![]() 11 T8xC51SND1 Rev. D – 15-Nov-01 5. Block Diagram Figure 3. T8xC51SND1 Block Diagram 8-BIT INTERNAL BUS Clock & PLL Unit C51 (X2 CORE) RAM 2304 bytes FLASH ROM Interrupt Handler Unit FILT X2 X1 MP3 Decoder Unit 2-wire Controller MMC Interface I/O SCL SDA MDAT P0-P5 10-bit A to D Converter VSS VDD Keyboard Interface KIN3:0 I 2S / PCM Audio Interface AVSS AVDD 1 Alternate function of Port 1 AIN1:0 Ports INT0# INT1# MOSI MISO 3 Alternate function of Port 3 4 Alternate function of Port 4 Timers 0/1 T1 T0 SPI / DataFlash Controller MCLK MCMD SCK RST AREF DSEL DCLK SCLK DOUT 64 Kbytes USB Controller D+ D- UART RXD TXD IDE Interface SS# Watchdog FLASH Boot 4 Kbytes ISP# UVSS UVDD & BRG ALE 33 33 3 34 4 4 4 1 1 1 |