전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

824-C0160F 데이터시트(PDF) 7 Page - E&E Magnetic Products Limited

부품명 824-C0160F
상세설명  SCCoHmEpMlAiaTInCtSwith IEEE802.3 standard including 350uH OCL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EEMAGNETIC [E&E Magnetic Products Limited]
홈페이지  http://www.eemagnetic.com/
Logo EEMAGNETIC - E&E Magnetic Products Limited

824-C0160F 데이터시트(HTML) 7 Page - E&E Magnetic Products Limited

  824-C0160F Datasheet HTML 1Page - E&E Magnetic Products Limited 824-C0160F Datasheet HTML 2Page - E&E Magnetic Products Limited 824-C0160F Datasheet HTML 3Page - E&E Magnetic Products Limited 824-C0160F Datasheet HTML 4Page - E&E Magnetic Products Limited 824-C0160F Datasheet HTML 5Page - E&E Magnetic Products Limited 824-C0160F Datasheet HTML 6Page - E&E Magnetic Products Limited 824-C0160F Datasheet HTML 7Page - E&E Magnetic Products Limited 824-C0160F Datasheet HTML 8Page - E&E Magnetic Products Limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Weight (in gram) : 1.9 typ.
Tape& Reel : 450/ reel
USER DIRECTION OF UNREELING
2.0
4.0
1.75
6.6
R 0.75
20.0
13.9
1.55
SCHEMATICS
PACKAGING
824-00411F/ 824-00427R/ 824-00444F/ 824-00450R
SCHEMATICS
PACKAGING
824-00451R
Weight (in gram) : 1.8 typ.
Tape& Reel : 450/ reel
1.55
2.0
4.0
1.75
20.0
13.9
6.65
USER DIRECTION OF UNREELING
SCHEMATICS
PACKAGING
824-00369R
Tape& Reel : 750/ reel
2.0
4.0
1.75
12.13
USER DIRECTION OF UNREELING
4.90
16.0
1.5
SCHEMATICS
PACKAGING
824-00387R
Tape& Reel : 750/ reel
2.0
4.0
1.75
13.0
USER DIRECTION OF UNREELING
4.90
16.0
1.5
E&E Magnetic Products Limited
1000BASE-T SINGLE PORT
MAGNETIC MODULE
Revised in 08/12
1/F., Harbour View 1, No.12 Science Park East Avenue, Phase II, Hong Kong Science Park, Shatin, N.T. Hong Kong
Tel: (852) 2954 3333
Fax: (852) 2954 3304
EH117(01)



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com