전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VSC8151 데이터시트(PDF) 19 Page - Vitesse Semiconductor Corporation

부품명 VSC8151
상세설명  2.488Gb/s SONET/SDH STS-48/STM-16 Section Terminator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VITESSE [Vitesse Semiconductor Corporation]
홈페이지  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8151 데이터시트(HTML) 19 Page - Vitesse Semiconductor Corporation

Back Button VSC8151 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 20Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 21Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 22Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 23Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 19
12/1/99
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC8151
2.488Gb/s SONET/SDH
STS-48/STM-16 Section Terminator
G52225-0, Rev. 2.9
Figure 16: Parallel Data Output Timing Diagram
Table 15: Parallel Data Output Timing
Note: Parallel output clock is synchronously generated 50/50 1/16th the frequency of the serial clock input (RXSCLKIN)
Parameter
Description
Min
Typ
Max
Units
TPOUTCLK
Parallel output clock period
103.2
—6.45
ns
TP
Propagation delay from falling edge of POUTCLK to
output edge of TXPOUT[15:0]
-500
—
500
ps
TXPOUT[15:0]
POUTCLK
TPOUTCLK
TP
TP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30