전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX19792 데이터시트(PDF) 4 Page - Maxim Integrated Products

부품명 MAX19792
상세설명  10MHz to 500MHz Dual Analog Voltage Variable Attenuator with On-Chip 10-Bit SPI-Controlled DAC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19792 데이터시트(HTML) 4 Page - Maxim Integrated Products

  MAX19792 Datasheet HTML 1Page - Maxim Integrated Products MAX19792 Datasheet HTML 2Page - Maxim Integrated Products MAX19792 Datasheet HTML 3Page - Maxim Integrated Products MAX19792 Datasheet HTML 4Page - Maxim Integrated Products MAX19792 Datasheet HTML 5Page - Maxim Integrated Products MAX19792 Datasheet HTML 6Page - Maxim Integrated Products MAX19792 Datasheet HTML 7Page - Maxim Integrated Products MAX19792 Datasheet HTML 8Page - Maxim Integrated Products MAX19792 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
MAX19794
10MHz to 500MHz Dual Analog Voltage Variable
Attenuator with On-Chip 10-Bit SPI-Controlled DAC
4
Maxim Integrated
3.3V AC ELECTRICAL CHARACTERISTICS
(Typical Application Circuit, one attenuator, VCC = 3.15V to 3.45V, RF ports are driven from 50I sources and loaded into 50I, input
PRF = 0dBm, fRF = 10MHz to 500MHz, VCTRL = 1V to 2.5V, VDAC_LOGIC = 0V, RDBK_EN (D9, REG3) = Logic 0, TC = -40NC to +100NC.
Typical values are for TC = +25NC, VCC = 3.3V, input PRF =0dBm, fRF = 55MHz, VCTRL = 1.0V, VDAC_LOGIC = 0V, RDBK_EN (D9,
REG3) = Logic 0, unless otherwise noted.) (Notes 5, 7)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Insertion Loss
IL
One attenuator
1.5
dB
Two attenuators, fRF = 55MHz, VCTRL = 1.0V
3.0
5.0
Loss Variation Over Temperature
TC = -40NC to +100NC
0.28
dB
Input P1dB
IP1dB
16.4
dBm
Minimum Input Second-Order
Intercept Point
Over Full Attenuation Range
(Note 8)
IIP2
One attenuator
fRF1 +fRF2 term,
fRF1 - fRF2 = 1MHz
VCTRL = 1.0V to 2.5V
PRF = 0dBm/tone applied to attenuator input
44.9
dBm
Two attenuators
fRF1 + fRF2 term,
fRF1 - fRF2 = 1MHz
VCTRL = 1.0V to 2.0V
PRF = 0dBm/tone applied to attenuator input
42.7
Minimum Input Third-Order
Intercept Point
Over Full Attenuation Range
(Note 8)
IIP3
One attenuator
VCTRL =1.0V to 2.5V
fRF1 - fRF2 = 1MHz
PRF = 0dBm/tone applied to attenuator input
30.8
dBm
Two attenuators
VCTRL =1.0V to 2.0V
fRF1 - fRF2 = 1MHz
PRF = 0dBm/tone applied to attenuator input
29.9
Second Harmonic
62
dBc
Third Harmonic
89.7
dBc
Attenuation Control Range
One attenuator, VCTRL = 1.0V to 2.5V,
fRF = 55MHz
22.5
dB
Two attenuators, VCTRL = 1.0V to 2.5V,
fRF = 55MHz
38.5
45
dB
Average Attenuation-Control
Slope
VCTRL = 1.4V to 2.3V
22.5
dB/V
Maximum Attenuation-Control
Slope
VCTRL = 1.0V to 2.5V
40
dB/V
S21 Attenuation Deviation from a
straight line
VCTRL = 1.4V to 2.1V
±0.4
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com