전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAC1583 데이터시트(PDF) 5 Page - First Silicon Co., Ltd

부품명 FAC1583
상세설명  3A 380KHZ 28V PWM Buck DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FS [First Silicon Co., Ltd]
홈페이지  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC1583 데이터시트(HTML) 5 Page - First Silicon Co., Ltd

  FAC1583 Datasheet HTML 1Page - First Silicon Co., Ltd FAC1583 Datasheet HTML 2Page - First Silicon Co., Ltd FAC1583 Datasheet HTML 3Page - First Silicon Co., Ltd FAC1583 Datasheet HTML 4Page - First Silicon Co., Ltd FAC1583 Datasheet HTML 5Page - First Silicon Co., Ltd FAC1583 Datasheet HTML 6Page - First Silicon Co., Ltd FAC1583 Datasheet HTML 7Page - First Silicon Co., Ltd FAC1583 Datasheet HTML 8Page - First Silicon Co., Ltd FAC1583 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Typical Application Circuit
Fig8. FAC1583 Typical Application Circuit @ 5V/3A
Fig9. FAC1583 Typical Application Circuit @ 3.3V/3A
FAC1583
FAC1583
5.5V~28V
DC INPUT
4.5V~28V
DC INPUT
5V3A
3.3V3A
R2=2K
R1=6.2K
R2=3.6K
R1=6.2K
15uH/3A
15uH/3A
2008.01. 28
5/11
Revision No : 0
FAC1583



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com