전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FC6206S 데이터시트(PDF) 13 Page - First Silicon Co., Ltd

부품명 FC6206S
상세설명  FC6206S Series Low ESR Cap. Compatible Positive Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FS [First Silicon Co., Ltd]
홈페이지  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC6206S 데이터시트(HTML) 13 Page - First Silicon Co., Ltd

Back Button FC6206S Datasheet HTML 6Page - First Silicon Co., Ltd FC6206S Datasheet HTML 7Page - First Silicon Co., Ltd FC6206S Datasheet HTML 8Page - First Silicon Co., Ltd FC6206S Datasheet HTML 9Page - First Silicon Co., Ltd FC6206S Datasheet HTML 10Page - First Silicon Co., Ltd FC6206S Datasheet HTML 11Page - First Silicon Co., Ltd FC6206S Datasheet HTML 12Page - First Silicon Co., Ltd FC6206S Datasheet HTML 13Page - First Silicon Co., Ltd FC6206S Datasheet HTML 14Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
SOT-89 Taping Specifications :
Direction of feed
“R” type [Orientation of Device Right]
Standard Type
SOT-89 :
SIZE (mm)
A
Φ 178 ± 0.8
B
2 ± 0.2
C
Φ 13 ± 0.2
D
Φ 21 ± 0.8
G
12 ± 0.5
H
Φ 60
1,000 pcs / reel
4 0 ± 0 1
8 0 ± 0 1
2 0 ± 0 05
Φ1 5
0 1
0
“L” type [Orientation of Device Left]
Reverse Type
Direction of feed
2013. 01. 21
13/14
FC6206S
Revision No : 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14