| 전자부품 데이터시트 검색엔진 |
|
PI3VT3384 데이터시트(PDF) 2 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI3VT3384 데이터시트(HTML) 2 Page - Pericom Semiconductor Corporation |
|
2 / 5 page ![]() PI3VT3384 10-Bit,2-Port,LowVoltage TranslatorBusSwitch 2 PS8529 03/19/01 12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012 12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012 12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012 12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012 Storage Temperature .................................................................................... 65°Cto+150°C Ambient Temperature with Power Applied .................................................... 40°Cto+85°C Supply Voltage to Ground Potential ................................................................ 0.5Vto+4.6V DC Input Voltage ............................................................................................. 0.5Vto+5.5V DC Output Current ....................................................................................................... 120mA Power Dissipation ........................................................................................................... 0.5W Note: Stresses greater than those listed under MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. Maximum Ratings (Above which the useful life may be impaired. For user guidelines, not tested.) s r e t e m a r a Pn o it p i r c s e Ds n o it i d n o C t s e T ) 1 ( . n i M. p y T ) 2 ( . x a Ms ti n U V H I e g a tl o V H G I H t u p n Il e v e L H G I H ci g o L d e e t n a r a u G8 . 1V C C V 3 . 0 + V V L I e g a tl o V W O L t u p n Il e v e L W O L ci g o L d e e t n a r a u G5 . 0 8 . 0 I H I t n e rr u C H G I H t u p n IV C C V ,. x a M = N I V = C C 1 ± A µ I L I t n e rr u C W O L t u p n IV C C V ,. x a M = N I D N G =1 ± I H Z O t n e rr u C t u p t u O e c n a d e p m I h g i H0 ≤ B , A ≤ V C C 1 ± R N O e c n a t si s e R n O h c ti w S V C C V ,. n i M = N I I , V 0 . 0 = N O A m 8 =5 8 Ω V C C V ,. n i M = N I I , V 7 . 1 = N O A m 8 =0 12 2 V C C V , V 3 . 2 = N I I , V 0 . 0 = N O A m 8 =6 9 V C C V , V 3 . 2 = N I I , V 3 . 1 = N O A m 8 =5 20 3 VP e g a tl o V s s a P V N I V = C C I , V 3 . 3 = T U O A µ 5 =3 . 25 . 29 . 2 V V N I V = C C I , V 5 . 2 = T U O A µ 5 =8 . 1 DCElectricalCharacteristics (OverOperatingRange,TA=40°Cto+85°C,VCC=3.3V±10%) |