| 전자부품 데이터시트 검색엔진 |
|
POW-1644L-B-R 데이터시트(PDF) 1 Page - PUI audio inc. |
|
|
|||||||||||||||||||||||||||||
POW-1644L-B-R 데이터시트(HTML) 1 Page - PUI audio inc. |
|
|
1 / 1 page ![]() A-A ( 9 : 1 ) B-B ( 7 : 1 ) A A B B Microphone POW-1644L-B-R J.D. D.F. R.W. 2/12/2007 - Designed by Checked by Approved by Drawn Date 1 / 1 Edition Sheet Date 10/22/2010 Date 2/12/2007 Date 2/12/2007 UNLESS OTHERWISE SPECIFIED: DIMENSIONS ARE IN MILLIMETERS, TOLERANCES ARE 0.5 AND ANGLES ARE 3 . POW-1644L-B-R.idw A3 SIZE REVISION HISTORY LTR DESCRIPTION DATE APPROVED - RELEASED FROM ENGINEERING 2/12/2007 A REVISED IP RATING 7/2/2008 B.R. B REVISED TO INVENTOR 3-D DRAWING TEMPLATE 10/22/2010 B.R. C REVISED POLARITY 4/2/2018 M.V. SPECIFICATIONS PARAMETERS VALUES UNIT DIRECTIVITY OMINI - SENSITIVTY -44 3 dB STANDARD OPERATING VOLTAGE 2 Vdc MAX OPERATING VOLTAGE 10 Vdc CURRENT CONSUMPTION (MAX) 0.5 mA IMPEDANCE 2.2 KOhm SIGNAL TO NOISE RATIO (MIN.) 60 dB TERMINAL SOLDER PADS - INTERNAL CAPACITOR N/A pF THIS DOCUMENT CONTAINS DATA PROPRIETARY TO PROJECTS UNLIMITED, INC. ANY USE OR REPRODUCTION, IN ANY FORM, WITHOUT PRIOR WRITTEN PERMISSION OF PROJECTS UNLIMITED, INC. IS PROHIBITED. 2003, Projects Unlimited Inc. NOTES: 1. ALL DIMENSIONS ARE IN MILLIMETERS. 2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL WITHOUT NOTICE. 3. THIS PART IS RoHS 2002/95/EC COMPLIANT. 4. PART IS IP57 RATED. 5. ASSEMBLY IS WASHABLE WITH BOOT IN PLACE. MICROPHONE BOOT ASSEMBLY 6 0.1 1.6 0.2 TERM 2 (+) TERM 1 (-) 7 0.1 3.2 0.1 1.8 0.1 4.9 0.1 5.8 0.1 0.3 2.6 0.1 |
유사한 부품 번호 - POW-1644L-B-R |
|
유사한 설명 - POW-1644L-B-R |