전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

USBLC6-4SC6 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 USBLC6-4SC6
상세설명  VERY LOW CAPACITANCE ESD PROTECTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBLC6-4SC6 데이터시트(HTML) 4 Page - STMicroelectronics

  USBLC6-4SC6 Datasheet HTML 1Page - STMicroelectronics USBLC6-4SC6 Datasheet HTML 2Page - STMicroelectronics USBLC6-4SC6 Datasheet HTML 3Page - STMicroelectronics USBLC6-4SC6 Datasheet HTML 4Page - STMicroelectronics USBLC6-4SC6 Datasheet HTML 5Page - STMicroelectronics USBLC6-4SC6 Datasheet HTML 6Page - STMicroelectronics USBLC6-4SC6 Datasheet HTML 7Page - STMicroelectronics USBLC6-4SC6 Datasheet HTML 8Page - STMicroelectronics USBLC6-4SC6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
USBLC6-4SC6
4/10
TECHNICAL INFORMATION
1. SURGE PROTECTION
The USBLC6-4SC6 is particularly optimized to perform surge protection based on the rail to rail topology.
The clamping voltage VCL can be calculated as follow :
VCL+ = VBUS + VF for positive surges
VCL- = - VF for negative surges
with: VF = VT + Rd.Ip
(VF forward drop voltage) / (VT forward drop threshold voltage)
We assume that the value of the dynamic resistance of the clamping diode is typically:
Rd = 1.4Ω and VT = 1.2V.
For an IEC61000-4-2 surge Level 4 (Contact Discharge: Vg=8kV, Rg=330Ω), VBUS = +5V, and if in first
approximation, we assume that : Ip = Vg / Rg = 24A.
So, we find:
VCL+ = +39V
VCL- = -34V
Note: the calculations do not take into account phenomena due to parasitic inductances.
2. SURGE PROTECTION APPLICATION EXAMPLE
If we consider that the connections from the pin VBUS to VCC and from GND to PCB GND are done by
two tracks of 10mm long and 0.5mm large; we assume that the parasitic inductances Lw of these tracks
are about 6nH. So when an IEC61000-4-2 surge occurs, due to the rise time of this spike (tr=1ns), the
voltage VCL has an extra value equal to Lw.dI/dt.
The dI/dt is calculated as: dI/dt = Ip/tr = 24 A/ns
The overvoltage due to the parasitic inductances is: Lw.dI/dt = 6 x 24 = 144V
By taking into account the effect of these parasitic inductances due to unsuitable layout, the clamping
voltage will be :
VCL+ = +39 + 144 = 183V
VCL- = -34 - 144 = -178V
We can reduce as much as possible these phenomena with simple layout optimization.
It’s the reason why some recommendations have to be followed (see paragraph “How to ensure a good
ESD protection”).
Figure 6: ESD behavior; parasitic phenomena due to unsuitable layout
Lw
VI/O
ESD
SURGE
GND
I/O
+VCC
VBUS
VF
Lw di
dt
Lw di
dt
V+ =
CL
V
+V +Lw
BUS
F
di
dt
surge >0
di
dt
surge <0
V- =
CL
-V -Lw
F
t
tr=1ns
VV
CC
F
+
Lw
di
dt
VCL+
POSITIVE
SURGE
183V
-Lw
di
dt
t
tr=1ns
-
VF
VCL-
NEGATIVE
SURGE
-178V



Html Pages

1 2 3 4 5 6 7 8 9 10