전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AHE2805S/CH-MSTR 데이터시트(PDF) 5 Page - International Rectifier

부품명 AHE2805S/CH-MSTR
상세설명  ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

AHE2805S/CH-MSTR 데이터시트(HTML) 5 Page - International Rectifier

  AHE2805S/CH-MSTR Datasheet HTML 1Page - International Rectifier AHE2805S/CH-MSTR Datasheet HTML 2Page - International Rectifier AHE2805S/CH-MSTR Datasheet HTML 3Page - International Rectifier AHE2805S/CH-MSTR Datasheet HTML 4Page - International Rectifier AHE2805S/CH-MSTR Datasheet HTML 5Page - International Rectifier AHE2805S/CH-MSTR Datasheet HTML 6Page - International Rectifier AHE2805S/CH-MSTR Datasheet HTML 7Page - International Rectifier AHE2805S/CH-MSTR Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.irf.com
5
AHE28XXS Series
Connecting the inhibit input (Pin 2) to input common (Pin 10)
will cause the converter to shut down. It is recommended
that the inhibit pin be driven by an open collector device
capable of sinking at least 400µA of current. The open cir-
cuit voltage of the inhibit input is 11.5 ±1 VDC.
AHE28XXS Block Diagram
Application Information
Inhibit Function
EMI Filter
An EMI filter (AFC461), available as an option, will reduce
the input ripple current to levels below the limits imposed by
MIL-STD-461B CEO.
Output Voltage Adjustment (AHE2805 only)
The output voltage of the AHE2805S converter can be
adjusted upward by connecting an appropriate resistor
between Output Adjust (Pin 3) and Output Common
(Pin 4) as shown in Table 1 below.
Table 1 Output adjustment resistor values
5
4
+V ou t
Re tu rn
P u ls e W idth
Mo du lato r
EM I
Filter
1
2
10
+ Input
E nable
Input
Re tu rn
Error
Am p &
Re f
3V
AD J
FB
Drive 1
Drive 2
9
S y nc
Resistance Pin 3 to 4 (
Ω)
Output Voltage Increases (%)
None
0
390K
+1%
145K
+2%
63K
+3%
22K
+4%
0
+5%



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com