| 전자부품 데이터시트 검색엔진 |
|
74FST3244DW 데이터시트(PDF) 5 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
74FST3244DW 데이터시트(HTML) 5 Page - ON Semiconductor |
|
5 / 8 page ![]() 74FST3244 http://onsemi.com 5 VI VOL VOL + 0.3 V tPLH tPLH VOL VOH VOH − 0.3 V tPHZL tf = 2.5 nS 90 % 1.5 V 10 % 10 % 1.5 V 90 % tf = 2.5 nS tPZL tPZL OUTPUT 1.5 V OUTPUT 1.5 V GND 3.0 V tPZH ENABLE INPUT tf = 2.5 nS 90 % 1.5 V 1.5 V 90 % 10 % 10 % 1.5 V 1.5 V VOH GND 3.0 V SWITCH INPUT tf = 2.5 nS CL* FROM OUTPUT UNDER TEST Figure 3. AC Test Circuit Figure 4. Propagation Delays AC Loading and Waveforms NOTES: 1. Input driven by 50 W source terminated in 50 W. 2. CL includes load and stray capacitance. *CL = 50 pF 500 W 500 W Figure 5. Enable/Disable Delays OUTPUT |