| 전자부품 데이터시트 검색엔진 |
|
74FST3244QSR 데이터시트(PDF) 6 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
74FST3244QSR 데이터시트(HTML) 6 Page - ON Semiconductor |
|
6 / 8 page ![]() 74FST3244 http://onsemi.com 6 PACKAGE DIMENSIONS SOIC−20 DW SUFFIX CASE 751D−05 ISSUE G 20 1 11 10 B 20X C 18X A1 A SEATING PLANE q E D M 0.25 S A S B T e T B A DIM MIN MAX MILLIMETERS A 2.35 2.65 A1 0.10 0.25 B 0.35 0.49 C 0.23 0.32 D 12.65 12.95 E 7.40 7.60 e 1.27 BSC H 10.05 10.55 h 0.25 0.75 L 0.50 0.90 q 0 7 NOTES: 1. DIMENSIONS ARE IN MILLIMETERS. 2. INTERPRET DIMENSIONS AND TOLERANCES PER ASME Y14.5M, 1994. 3. DIMENSIONS D AND E DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 5. DIMENSION B DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE PROTRUSION SHALL BE 0.13 TOTAL IN EXCESS OF B DIMENSION AT MAXIMUM MATERIAL CONDITION. __ TSSOP−20 DT SUFFIX CASE 948E−02 ISSUE B DIM A MIN MAX MIN MAX INCHES 6.60 0.260 MILLIMETERS B 4.30 4.50 0.169 0.177 C 1.20 0.047 D 0.05 0.15 0.002 0.006 F 0.50 0.75 0.020 0.030 G 0.65 BSC 0.026 BSC H 0.27 0.37 0.011 0.015 J 0.09 0.20 0.004 0.008 J1 0.09 0.16 0.004 0.006 K 0.19 0.30 0.007 0.012 K1 0.19 0.25 0.007 0.010 L 6.40 BSC 0.252 BSC M 0 8 0 8 _ ___ NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE −W−. 110 11 20 PIN 1 IDENT A B −T− 0.100 (0.004) C D G H SECTION N−N K K1 JJ1 N N M F −W− SEATING PLANE −V− −U− S U M 0.10 (0.004) V S T 20X REF K L L/2 2X S U 0.15 (0.006) T DETAIL E 0.25 (0.010) DETAIL E 6.40 0.252 −−− −−− S U 0.15 (0.006) T |