| 전자부품 데이터시트 검색엔진 |
|
AM29DL640H70WHIN 데이터시트(PDF) 5 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29DL640H70WHIN 데이터시트(HTML) 5 Page - Advanced Micro Devices |
|
5 / 54 page ![]() February 9, 2005 Am29DL640H 3 TABLE OF CONTENTS Product Selector Guide . . . . . . . . . . . . . . . . . . . . . 4 Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Connection Diagrams . . . . . . . . . . . . . . . . . . . . . . 5 Pin Description. . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 Ordering Information . . . . . . . . . . . . . . . . . . . . . . . 7 Device Bus Operations . . . . . . . . . . . . . . . . . . . . . 8 Table 1. Am29DL640H Device Bus Operations ................................8 Requirements for Reading Array Data ..................................... 8 Writing Commands/Command Sequences .............................. 9 Accelerated Program Operation ............................................... 9 Autoselect Functions ................................................................ 9 Simultaneous Read/Write Operations with Zero Latency ......... 9 Automatic Sleep Mode ........................................................... 10 RESET#: Hardware Reset Pin ............................................... 10 Output Disable Mode .............................................................. 10 Table 2. Am29DL640H Sector Architecture ....................................10 Table 3. Bank Address ....................................................................13 Table 5. Am29DL640H Autoselect Codes, (High Voltage Method) 14 Table 6. Am29DL640H Boot Sector/Sector Block Addresses for Protection/Unprotection ...................................................................15 Write Protect (WP#) ................................................................ 15 Table 7. WP#/ACC Modes ..............................................................16 Temporary Sector Unprotect .................................................. 16 Figure 1. Temporary Sector Unprotect Operation........................... 16 Figure 2. In-System Sector Protect/Unprotect Algorithms .............. 17 Secured Silicon Sector Flash Memory Region ............................................................ 18 Figure 3. Secured Silicon Sector Protect Verify .............................. 19 Hardware Data Protection ...................................................... 19 Low VCC Write Inhibit ............................................................ 19 Write Pulse “Glitch” Protection ............................................... 19 Logical Inhibit .......................................................................... 19 Power-Up Write Inhibit ............................................................ 19 Common Flash Memory Interface (CFI) . . . . . . . 19 Command Definitions . . . . . . . . . . . . . . . . . . . . . 23 Reading Array Data ................................................................ 23 Reset Command ..................................................................... 23 Autoselect Command Sequence ............................................ 23 Enter Secured Silicon Sector/Exit Secured Silicon Sector Command Sequence .............................................................. 23 Byte/Word Program Command Sequence ............................. 24 Unlock Bypass Command Sequence ..................................... 24 Figure 4. Program Operation .......................................................... 25 Chip Erase Command Sequence ........................................... 25 Sector Erase Command Sequence ........................................ 25 Figure 5. Erase Operation............................................................... 26 Erase Suspend/Erase Resume Commands ........................... 26 Write Operation Status . . . . . . . . . . . . . . . . . . . . 28 DQ7: Data# Polling ................................................................. 28 Figure 6. Data# Polling Algorithm ................................................... 28 DQ6: Toggle Bit I .................................................................... 29 Figure 7. Toggle Bit Algorithm........................................................ 29 DQ2: Toggle Bit II ................................................................... 30 Reading Toggle Bits DQ6/DQ2 ............................................... 30 DQ5: Exceeded Timing Limits ................................................ 30 DQ3: Sector Erase Timer ....................................................... 30 Table 13. Write Operation Status ................................................... 31 Absolute Maximum Ratings. . . . . . . . . . . . . . . . . 32 Figure 8. Maximum Negative Overshoot Waveform ...................... 32 Figure 9. Maximum Positive Overshoot Waveform........................ 32 DC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 33 Figure 10. I CC1 Current vs. Time (Showing Active and Automatic Sleep Currents) ............................................................. 34 Figure 11. Typical ICC1 vs. Frequency............................................ 34 Test Conditions. . . . . . . . . . . . . . . . . . . . . . . . . . . 35 Figure 12. Test Setup.................................................................... 35 Figure 13. Input Waveforms and Measurement Levels ................. 35 AC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 36 Read-Only Operations ........................................................... 36 Figure 14. Read Operation Timings ............................................... 36 Hardware Reset (RESET#) .................................................... 37 Figure 15. Reset Timings ............................................................... 37 Word/Byte Configuration (BYTE#) .......................................... 38 Figure 16. BYTE# Timings for Read Operations............................ 38 Figure 17. BYTE# Timings for Write Operations............................ 38 Erase and Program Operations .............................................. 39 Figure 18. Program Operation Timings.......................................... 40 Figure 19. Accelerated Program Timing Diagram.......................... 40 Figure 20. Chip/Sector Erase Operation Timings .......................... 41 Figure 21. Back-to-back Read/Write Cycle Timings ...................... 42 Figure 22. Data# Polling Timings (During Embedded Algorithms). 42 Figure 23. Toggle Bit Timings (During Embedded Algorithms)...... 43 Figure 24. DQ2 vs. DQ6................................................................. 43 Temporary Sector Unprotect .................................................. 44 Figure 25. Temporary Sector Unprotect Timing Diagram .............. 44 Figure 26. Sector/Sector Block Protect and Unprotect Timing Diagram ............................................................. 45 Alternate CE# Controlled Erase and Program Operations ..... 46 Figure 27. Alternate CE# Controlled Write (Erase/Program) Operation Timings.......................................................................... 47 Erase And Programming Performance. . . . . . . . 48 Latchup Characteristics . . . . . . . . . . . . . . . . . . . . 48 TSOP & BGA Pin Capacitance. . . . . . . . . . . . . . . 48 Data Retention. . . . . . . . . . . . . . . . . . . . . . . . . . . . 48 FBE063—63-Ball Fine-Pitch Ball Grid Array (fBGA) 12 x 11 mm package .............................................................. 49 TS 048—48-Pin Standard TSOP ............................................ 50 Physical Dimensions . . . . . . . . . . . . . . . . . . . . . . 51 TS 048—48-Pin Standard TSOP. . . . . . . . . . . . . . 52 Revision Summary . . . . . . . . . . . . . . . . . . . . . . . . 53 |