전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STCF02 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 STCF02
상세설명  High Power White Led Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF02 데이터시트(HTML) 2 Page - STMicroelectronics

  STCF02 Datasheet HTML 1Page - STMicroelectronics STCF02 Datasheet HTML 2Page - STMicroelectronics STCF02 Datasheet HTML 3Page - STMicroelectronics STCF02 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
STCF02
2/4
DIM.
mm.
mils
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
0.8
0.9
1.0031.535.439.4
A1
0.02
0.05
0.8
2.0
A2
0.65
1.00
25.6
39.4
A3
0.25
9.8
b
0.18
0.23
0.30
7.1
9.1
11.8
D
3.875
4.00
4.125
152.6
157.5
162.4
D2
0.75
1.7
2.25
29.5
66.9
88.6
E
3.875
4.00
4.125
152.6
157.5
162.4
E2
0.75
1.7
2.25
29.5
66.9
88.6
e
0.450.500.5517.719.721.7
L
0.350.550.7513.821.725.9
ddd
0.08
3.1
QFN20 (4x4) MECHANICAL DATA
7169619-D



Html Pages

1 2 3 4