전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WR06X472_FQL 데이터시트(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

부품명 WR06X472_FQL
상세설명  Thick Film General Purpose Chip Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WALSIN [WALSIN TECHNOLOGY CORPORATION]
홈페이지  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WR06X472_FQL 데이터시트(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  WR06X472_FQL Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WR06X472_FQL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WR06X472_FQL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WR06X472_FQL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WR06X472_FQL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WR06X472_FQL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WR06X472_FQL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WR06X472_FQL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WR06X472_FQL Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Approval sheet
Page 2 of 10
ASC_WR_V24
SEP 2016
FEATURE
1.
High reliability and stability
2.
Reduced size of final equipment
3.
Lower assembly costs
4.
Higher component and equipment reliability
5. RoHS 2 compliant and Halogen free products
APPLICATION
Consumer electrical equipment
EDP, Computer application
Telecom application
DESCRIPTION
The resistors are constructed in a high grade ceramic body (aluminum oxide). Internal metal electrodes are
added at each end and connected by a resistive paste that is applied to the top surface of the substrate. The
composition of the paste is adjusted to give the approximate resistance required and the value is trimmed to
within tolerance by laser cutting of this resistive layer.
The resistive layer is covered with a protective coat. Finally, the two external end terminations are added. For
ease of soldering the outer layer of these end terminations is a Tin (lead free) alloy.
Fig 1. Construction of Chip-R



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com