전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WR06W100_PQL 데이터시트(PDF) 8 Page - WALSIN TECHNOLOGY CORPORATION

부품명 WR06W100_PQL
상세설명  Thick Film General Purpose Chip Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WALSIN [WALSIN TECHNOLOGY CORPORATION]
홈페이지  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WR06W100_PQL 데이터시트(HTML) 8 Page - WALSIN TECHNOLOGY CORPORATION

Back Button WR06W100_PQL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WR06W100_PQL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WR06W100_PQL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WR06W100_PQL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WR06W100_PQL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WR06W100_PQL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WR06W100_PQL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WR06W100_PQL Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION WR06W100_PQL Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Approval sheet
Page 8 of 10
ASC_WR_V24
SEP 2016
TEST AND REQUIREMENTS
Essentially all tests are carried out according to the schedule of IEC publication 115-8, category
LCT/UCT/56(rated temperature range : Lower Category Temperature, Upper Category Temperature; damp
heat, long term, 56 days). The testing also meets the requirements specified by EIA, EIAJ and JIS.
The tests are carried out in accordance with IEC publication 68, "Recommended basic climatic and mechanical
robustness testing procedure for electronic components" and under standard atmospheric conditions according
to IEC 60068-1, subclause 5.3. Unless otherwise specified, the following value supplied :
Temperature: 15°C to 35°C.
Relative humidity: 45% to 75%.
Air pressure: 86kPa to 106 kPa (860 mbar to 1060 mbar).
All soldering tests are performed with midly activated flux.
TEST
PROCEDURE / TEST METHOD
REQUIREMENT
Resistor
0
Electrical
Characteristics
JISC5201-1: 1998
Clause 4.8
- DC resistance values measurement
- Temperature Coefficient of Resistance (T.C.R)
Natural resistance change per change in degree centigrade.
6
1
2
1
1
2
10
t
t
R
R
R
(ppm/
C) t
1 : 20°C+5°C-1°C; t2 : -55°C or +155°C
R1 : Resistance at reference temperature (20°C+5°C/-1°C)
R2 : Resistance at test temperature (-55°C or +155°C)
Within the specified tolerance
Refer to “QUICK REFERENCE
DATA”
<50m
Resistance to
soldering heat(R.S.H)
JISC5201-1:1998
Clause 4.18
Un-mounted chips completely immersed for 10±1second in a SAC
solder bath at 260℃±5ºC
5%:R/Rmax.(1%+0.05)
1%:R/Rmax.(0.5%+0.05)
no visible damage
<50m
Solderability
JISC5201-1: 1998
Clause 4.17
Un-mounted chips completely immersed for 2±0.5 second in a SAC
solder bath at 235℃±5℃
95% coverage min., good tinning and no
visible damage
Temperature cycling
JISC5201-1: 1998
Clause 4.19
30 minutes at -55
C3C, 2~3 minutes at 20°C+5°C-1°C, 30 minutes at
+155
C3C, 2~3 minutes at 20°C+5°C-1°C, total 5 continuous cycles
5%: R/R max. (1%+0.05)
1%:R/Rmax.(0.5%+0.05)
No visible damage
<50m
High Temperature
Exposure
MIL-STD-202
method 108
1000+48/-0 hours; without load in a temperature chamber
controlled 155
3C
5%:R/Rmax.(2%+0.1)
1%:R/Rmax.(1%+0.1)
No visible damage
<50m
Bending strength
JISC5201-1: 1998
Clause 4.33
Resistors mounted on a 90mm glass epoxy resin PCB(FR4), bending
once 3mm for 10sec, 5mm for WR04
5%:R/Rmax.(1%+0.05)
1%:R/Rmax.(1%+0.05)
No visual damaged
<50m
Adhesion
JISC5201-1: 1998
Clause 4.32
Pressurizing force: 5N, Test time: 10±1sec.
No remarkable damage or removal of the
terminations
Short Time Overload
(STOL)
JISC5201-1: 1998
Clause 4.13
2.5 times RCWV or max. overload voltage, for 5seconds
5%: R/R max. (2%+0.05)
1%: R/R max. (1%+0.05)
No visible damage
<50m



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com