| 전자부품 데이터시트 검색엔진 |
|
UCD7100PWPRG4 데이터시트(PDF) 3 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
UCD7100PWPRG4 데이터시트(HTML) 3 Page - Texas Instruments |
|
3 / 22 page ![]() www.ti.com ABSOLUTE MAXIMUM RATINGS (1) (2) RECOMMENDED OPERATING CONDITIONS UCD7100 SLUS651A – MARCH 2005 – REVISED MAY 2005 SYMBOL PARAMETER UCD7100 UNIT VDD Supply Voltage 16 Quiescent 20 IDD Supply Current mA Switching, TA = 25°C, TJ = 125°C, VDD = 12 V 200 Output Gate Drive Volt- VOUT OUT -1 V to VDD V age IOUT(sink) 4.0 Output Gate Drive Cur- OUT A rent IOUT(source) -4.0 ISET, CS -0.3 to 3.6 Analog Input ILIM -0.3 to 3.6 V Digital I/O’s IN, CLF -0.3 to 3.6 Power Dissipation TA = 25°C, TJ = 125°C, (PWP-14) 2.67 W TJ Junction Operating Temperature -55 to 150 °C Tstr Storage Temperature -65 to 150 HBM Human body model 2000 ESD Rating V CDM Change device model 500 TSOL Lead Temperature (Soldering, 10 sec) +300 °C (1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltages are with respect to GND. Currents are positive into, negative out of the specified terminal. PARAMETER MIN TYP MAX UNIT Supply Voltage, VDD 4.25 12 14.5 V Supply bypass capacitance 1 µF Reference bypass capacitance 0.22 Operating junction temperature -40 105 °C 3 |