| 전자부품 데이터시트 검색엔진 |
|
5cs 데이터시트(PDF) 2 Page - Delta Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
5cs 데이터시트(HTML) 2 Page - Delta Electronics, Inc. |
|
2 / 5 page ![]() WIRE-WOUND CHIP INDUCTOR – CERAMIC / 0805 (2012) 0805CS Series (2.7 ~ 4700nH) Part Number Inductance nH Percent Tolerance Q Min SRF Min MHz RDC Max Ohms IDC Max mA 0805CS-2N7E_TS 2.7 @ 250MHz 10,5 80 @ 1500MHz 7900 0.06 800 0805CS-2N8E_TS 2.8 @ 250MHz 10,5 80 @ 1500MHz 7900 0.06 800 0805CS-3N0E_TS 3.0 @ 250MHz 10,5 65 @ 1500MHz 7900 0.06 800 0805CS-3N3E_TS 3.3 @ 250MHz 10,5 50 @ 1500MHz 6000 0.08 600 0805CS-5N6E_TS 5.6 @ 250MHz 10,5 65 @ 1000MHz 5500 0.08 600 0805CS-6N2E_TS 6.2 @ 250MHz 10,5 50 @ 1000MHz 5500 0.11 600 0805CS-6N8E_TS 6.8 @ 250MHz 10,5 50 @ 1000MHz 5500 0.11 600 0805CS-7N5E_TS 7.5 @ 250MHz 10,5 50 @ 1000MHz 4500 0.14 600 0805CS-8N2E_TS 8.2 @ 250MHz 10,5 50 @ 1000MHz 4700 0.12 600 0805CS-8N7E_TS 8.7 @ 250MHz 10,5 50 @ 1000MHz 4000 0.21 400 0805CS-100E_TS 10.0 @ 250MHz 10,5,2 60 @ 500MHz 4200 0.10 600 0805CS-120E_TS 12.0 @ 250MHz 10,5,2 50 @ 500MHz 4000 0.15 600 0805CS-150E_TS 15.0 @ 250MHz 10,5,2 50 @ 500MHz 3400 0.17 600 0805CS-180E_TS 18.0 @ 250MHz 10,5,2 50 @ 500MHz 3300 0.20 600 0805CS-220E_TS 22.0 @ 250MHz 10,5,2 55 @ 500MHz 2600 0.22 500 0805CS-240E_TS 24.0 @ 250MHz 10,5,2 50 @ 500MHz 2000 0.22 500 0805CS-270E_TS 27.0 @ 250MHz 10,5,2 55 @ 500MHz 2500 0.25 500 0805CS-330E_TS 33.0 @ 250MHz 10,5,2 60 @ 500MHz 2050 0.27 500 0805CS-360E_TS 36.0 @ 250MHz 10,5,2 55 @ 500MHz 1700 0.27 500 0805CS-390E_TS 39.0 @ 250MHz 10,5,2 60 @ 500MHz 2000 0.29 500 0805CS-430E_TS 43.0 @ 200MHz 10,5,2 60 @ 500MHz 1650 0.34 500 0805CS-470E_TS 47.0 @ 200MHz 10,5,2 60 @ 500MHz 1650 0.31 500 0805CS-560E_TS 56.0 @ 200MHz 10,5,2 60 @ 500MHz 1550 0.34 500 0805CS-680E_TS 68.0 @ 200MHz 10,5,2 60 @ 500MHz 1450 0.38 500 0805CS-720E_TS 72.0 @ 150MHz 10,5,2 65 @ 500MHz 1400 0.40 500 0805CS-820E_TS 82.0 @ 150MHz 10,5,2 65 @ 500MHz 1300 0.42 400 0805CS-910E_TS 91.0 @ 150MHz 10,5,2 65 @ 500MHz 1200 0.48 400 0805CS-101E_TS 100.0 @ 150MHz 10,5,2 65 @ 500MHz 1200 0.46 400 0805CS-111E_TS 110.0 @ 150MHz 10,5,2 50 @ 250MHz 1000 0.48 400 0805CS-121E_TS 120.0 @ 150MHz 10,5,2 50 @ 250MHz 1100 0.51 400 0805CS-151E_TS 150.0 @ 100MHz 10,5,2 50 @ 250MHz 920 0.56 400 0805CS-181E_TS 180.0 @ 100MHz 10,5,2 50 @ 250MHz 870 0.64 400 0805CS-201E_TS 200.0 @ 100MHz 10,5,2 50 @ 250MHz 860 0.66 400 0805CS-221E_TS 220.0 @ 100MHz 10,5,2 50 @ 250MHz 850 0.70 400 0805CS-241E_TS 240.0 @ 100MHz 10,5,2 44 @ 250MHz 690 1.00 350 0805CS-251E_TS 250.0 @ 100MHz 10,5,2 45 @ 250MHz 680 1.00 350 0805CS-271E_TS 270.0 @ 100MHz 10,5,2 50 @ 250MHz 650 1.00 350 0805CS-301E_TS 300.0 @ 100MHz 10,5,2 48 @ 250MHz 620 1.20 330 0805CS-331E_TS 330.0 @ 100MHz 10,5,2 48 @ 250MHz 600 1.40 310 0805CS-361E_TS 360.0 @ 100MHz 10,5,2 48 @ 250MHz 580 1.45 300 0805CS-391E_TS 390.0 @ 100MHz 10,5,2 48 @ 250MHz 560 1.50 290 0805CS-431E_TS 430.0 @ 50MHz 10,5,2 33 @ 100MHz 430 1.70 230 0805CS-471E_TS 470.0 @ 50MHz 10,5,2 33 @ 100MHz 375 1.70 250 0805CS-561E_TS 560.0 @ 25MHz 10,5,2 23 @ 50MHz 235 1.90 230 0805CS-601E_TS 600.0 @ 25MHz 10,5,2 23 @ 50MHz 260 1.60 450 0805CS-621E_TS 620.0 @ 25MHz 10,5,2 23 @ 50MHz 220 2.20 210 0805CS-681E_TS 680.0 @ 25MHz 10,5,2 23 @ 50MHz 200 2.20 190 0805CS-751E_TS 750.0 @ 25MHz 10,5,2 23 @ 50MHz 200 2.30 180 0805CS-821E_TS 820.0 @ 25MHz 10,5,2 23 @ 50MHz 200 2.35 180 0805CS-911E_TS 910.0 @ 25MHz 10,5,2 18 @ 50MHz 120 1.90 170 0805CS-102E_TS 1000.0 @ 25MHz 10,5,2 20 @ 50MHz 100 2.50 170 0805CS-122E_TS 1200.0 @ 7.9MHz 10,5,2 18 @ 25MHz 100 2.50 170 0805CS-152E_TS 1500.0 @ 7.9MHz 10,5,2 16 @ 25MHz 100 2.50 170 0805CS-182E_TS 1800.0 @ 7.9MHz 10,5,2 16 @ 7.9MHz 80 2.50 170 |