전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATS643LSH-I2 데이터시트(PDF) 1 Page - Allegro MicroSystems

부품명 ATS643LSH-I2
상세설명  Self-Calibrating, Zero-Speed Differential Gear Tooth Sensor with Continuous Update
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALLEGRO [Allegro MicroSystems]
홈페이지  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS643LSH-I2 데이터시트(HTML) 1 Page - Allegro MicroSystems

  ATS643LSH-I2 Datasheet HTML 1Page - Allegro MicroSystems ATS643LSH-I2 Datasheet HTML 2Page - Allegro MicroSystems ATS643LSH-I2 Datasheet HTML 3Page - Allegro MicroSystems ATS643LSH-I2 Datasheet HTML 4Page - Allegro MicroSystems ATS643LSH-I2 Datasheet HTML 5Page - Allegro MicroSystems ATS643LSH-I2 Datasheet HTML 6Page - Allegro MicroSystems ATS643LSH-I2 Datasheet HTML 7Page - Allegro MicroSystems ATS643LSH-I2 Datasheet HTML 8Page - Allegro MicroSystems ATS643LSH-I2 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
ATS643LSH
ATS643-DS, Rev. 1
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VCC ..................See Power Derating
Reverse-Supply Voltage, VRCC ........................–18 V
Operating Temperature
Ambient, TA................................–40ºC to 150ºC
Maximum Junction, TJ(max)........................165ºC
Storage Temperature, TS ..................–65ºC to 170ºC
• Fully-optimized differential digital gear
tooth sensor
• Single chip-IC for high reliability
• Internal current regulator for 2-wire
operation
• Small mechanical size (8 mm diameter
x 5.5 mm depth)
• Switchpoints air gap independent
• Digital output representing gear profile
Self-Calibrating, Zero-Speed Differential
Gear Tooth Sensor with Continuous Update
Use the following complete part numbers when ordering:
Part Number
Package
ICC Typical
ATS643LSH-I1
4-pin plastic SIP
6.0 Low to 14.0 High mA
ATS643LSH-I2
4-pin plastic SIP
7.0 Low to 14.0 High mA
Package SH, 4-pin SIP
Features and Benefits
• Precise duty cycle accuracy through-
out temperature range
• Large operating air gaps
• <2 ms power-on time
• AGC and reference adjust circuit
• True zero-speed operation
• Undervoltage lockout
• Wide operating voltage range
• Defined power-on state
1. VCC
2. No connection (float or tie to VCC)
3. Test pin (float or tie to GND)
4. GND
1 2
3 4
The ATS643 is an optimized combination of integrated circuit and magnet that
provides a manufacturer-friendly solution for true zero-speed digital gear-tooth
sensing in two-wire applications. The device consists of a single-shot molded
plastic package that includes a samarium cobalt magnet, a pole piece, and a
Hall-effect IC that has been optimized to the magnetic circuit and the automotive
environment. This small package can be easily assembled and used in conjunction
with a wide variety of gear shapes and sizes.
The integrated circuit incorporates a dual element Hall-effect sensor with signal
processing circuitry that switches in response to differential magnetic signals
created by rotating ferrous targets. The device contains a sophisticated compen-
sating circuit to eliminate magnet and system offsets immediately at power-on.
Digital tracking of the analog signal is used to achieve true zero-speed operation,
while also setting the device switchpoints. The resulting switchpoints are air gap
independent, greatly improving output and duty cycle accuracy. The device also
uses a continuous update algorithm to fine-tune the switchpoints while in running
mode, maintaining the device specifications even through large changes in air gap
or temperature.
The regulated current output is configured for two-wire operation, offering inher-
ent diagnostic information. This device is ideal for obtaining speed and duty cycle
information in gear-tooth based applications such as transmission speed sensing.


유사한 부품 번호 - ATS643LSH-I2

제조업체부품명데이터시트상세설명
logo
Allegro MicroSystems
ATS643LSHTN-I1-T ALLEGRO-ATS643LSHTN-I1-T Datasheet
388Kb / 16P
Self-Calibrating, Zero-Speed Differential Gear Tooth Sensor with Continuous Update
ATS643LSHTN-I2-T ALLEGRO-ATS643LSHTN-I2-T Datasheet
388Kb / 16P
Self-Calibrating, Zero-Speed Differential Gear Tooth Sensor with Continuous Update
More results

유사한 설명 - ATS643LSH-I2

제조업체부품명데이터시트상세설명
logo
Allegro MicroSystems
ATS612JSB ALLEGRO-ATS612JSB Datasheet
183Kb / 16P
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
ATS632LSA ALLEGRO-ATS632LSA Datasheet
118Kb / 12P
ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR
ATS632LSC ALLEGRO-ATS632LSC Datasheet
75Kb / 12P
ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR
April 8, 1998
ATS640JSB ALLEGRO-ATS640JSB Datasheet
96Kb / 4P
TRUE ZERO-SPEED, SELF-CALIBRATING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR FOR TWO-WIRE APPLICATIONS
ATS612LSB ALLEGRO-ATS612LSB Datasheet
208Kb / 16P
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
ATS612LSG ALLEGRO-ATS612LSG Datasheet
415Kb / 15P
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
ATS616LSG ALLEGRO-ATS616LSG Datasheet
444Kb / 14P
Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor
AATS643LSH ALLEGRO-AATS643LSH_06 Datasheet
388Kb / 16P
Self-Calibrating, Zero-Speed Differential Gear Tooth Sensor with Continuous Update
ATS612LSB ALLEGRO-ATS612LSB_1 Datasheet
358Kb / 17P
Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor
April 27, 2007
ATS616 ALLEGRO-ATS616 Datasheet
421Kb / 14P
Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16