| 전자부품 데이터시트 검색엔진 |
|
EVJC 데이터시트(PDF) 5 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
EVJC 데이터시트(HTML) 5 Page - Panasonic Semiconductor |
|
5 / 5 page ![]() Rotary Potentiometers/EVJC/EVJY Nominal Total Resistance 5 k9 to 500 k9 (Tolerance ±20 %) Taper A, B, C, D, G, BH Power Rating Voltage Rating E=ÃPáR but E < 50 Vac E=Voltage Rating (V) P=Power Rating (W) R=Nominal Total Resistance (9) Residual Resistance Maximum Attenuation (for volume control, taper A, B, D) Tracking For volume control within 3 dB at Ð40 to 0 dB For Tone control within 3 dB at midpoint Insulation Resistance 100 M9 min. at 250 Vdc Dielectric Withstanding Voltage 300 Vac for 1 minute Noise Level 47 mV max. Apply 20 Vdc (When Voltage Rating < 20 V, use the rated voltage.) Rotate shaft at 30 r/min. n Major Specifications 1. Mechanical Specifications Applications 12 mm square Two-in-One Rotation Angle 300 û±5 û Rotation Torque 2 mNám to 20 mNám Shaft Stopper Strength 0.5 Nám min. Shaft Pull/Push Strength 80 N min . Shaft Inclination 0.35 mm max. (Measured at the top of the shaft) Bushing-Nut Tightening Torque 1 Nám max. 2. Electrical Specifications 0.05 W (0 ûC to 50 ûC) For potentiometers operated in ambient temperatures above 50 ûC, Rating shall be derated in accordance with the figure at right. Nominal total resistance Max. Attenuation Insertion loss 5k9 < R< 10 k9 Ð65 dB max. 10 k9 < R< 50 k9 Ð72 dB max. 0.1 dB max. 50 k9 < R < 100 k9 Ð82 dB max. 100 k9 < R Ð92 dB max. 3. Endurance Rotation Life 15000 cycles min. For general purpose (tone) For volume control A, B, D, G B, C, G A, D C A, B, D A, B, D C C 1 to 2 2 to 3 2 to 3 1 to 2 1 to 2 2 to 3 1 to 2 2 to 3 5k9 <R < 50 k9 25 9 max. 25 9 max. 15 9 max. 25 9 max. 20 9 max. 50 k9 <R < 250 k9 25 9 max. 50 9 max. 15 9 max. 50 9 max. 20 9 max. 250 k9 <R < 500 k9 100 9 max. 100 9 max. 50 9 max. 100 9 max. 50 9 max. Type Nominal Total Resistance Taper & Terminal Note: No direct current should be applied. 4. Minimum Quantity/Packing Unit Minimum Quantity/ Packing Unit Quantity/Carton EVJC/EVJY EVJC/EVJY 80 pcs. (Tray Pack) 60 pcs. (Tray Pack) 800 pcs. 600 pcs. L>20.0 mm L<20.0 mm L>20.0 mm L<20.0 mm |