| 전자부품 데이터시트 검색엔진 |
|
CS45-16IO1 데이터시트(PDF) 3 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
CS45-16IO1 데이터시트(HTML) 3 Page - IXYS Corporation |
|
3 / 3 page ![]() © 2000 IXYS All rights reserved 3 - 3 CS 45 0 20 40 60 80 100 120 0 10 20 30 40 50 60 70 80 I T(AV)M 0 1020 3040 506070 0 20 40 60 80 100 120 140 0 25 50 75 100 125 150 0.001 0.01 0.1 1 0 100 200 300 400 0.0 0.5 1.0 1.5 2.0 0 20 40 60 80 100 0.001 0.01 0.1 1 10 100 0.0 0.5 1.0 I TSM I T A V T t s P T W I T(AV)M A T amb °C t s Z thJC K/W V A 12 3 4 5 6 7 8 910 1000 I 2t t A 2s T case A °C ms 500 2000 Fig. 8 Transient thermal impedance junction to case Fig. 3 Forward characteristics Fig. 4 Surge overload current I TSM: crest value, t: duration Fig. 5 I2t versus time (1-10 ms) Fig. 6 Power dissipation versus forward current and ambient temperature Fig. 7 Max. forward current at case temperature T VJ = 125°C T VJ = 45°C 50Hz, 80%V RRM T VJ = 125°C DC 180° sin 120° 60° 30° R thKA : 0.1 K/W 0.5 K/W 1 K/W 2 K/W 4 K/W 10 K/W T VJ = 45°C DC 180° sin 120° 60° 30° 30° 60° 120° 180° DC V R = 0 V T VJ = 25°C T VJ = 125°C R thJC for various conduction angles d: dR thJC (K/W) DC 0.62 180 ° 0.71 120 ° 0.748 60 ° 0.793 30 ° 0.817 Constants for Z thJC calculation: iR thi (K/W) t i (s) 1 0.206 0.013 2 0.362 0.118 3 0.052 1.488 |