| 전자부품 데이터시트 검색엔진 |
|
MA310 데이터시트(PDF) 11 Page - Monolithic Power Systems |
|
|
|||||||||||||||||||||||||||||
MA310 데이터시트(HTML) 11 Page - Monolithic Power Systems |
|
11 / 11 page ![]() EVKT-KNOB – ROTARY KNOB KIT FOR THE MAGALPHA NOTICE: The information in this document is subject to change without notice. Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not assume any legal responsibility for any said applications. EVKT-KNOB www.MonolithicPower.com 11 12/10/2018 MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited. © 2018 MPS. All Rights Reserved. Maurer Magnetic Maurer Magnetic has a selection of diametrically magnetized magnets well-suited for contactless rotary angle applications. Samples of the types mentioned below should always be available with no lead time. Figure 16: Cylinder Magnet, Diametrically Magnetized Figure 17: Ring Magnet, Diametrically Magnetized Table 9: Maurer Magnetic Diametrically Magnetized Magnets OD (mm) ID (mm) H (mm) Material Remanence (Br) (T) Magnetization Part Number 4.0 - 3.0 N35 1.2 Diametrical M610403 4.0 - 3.0 Sm26/16-17 1.08 Diametrical M410403 5.0 - 2.5 N35 1.2 Diametrical M610502 5.0 - 2.5 Sm26/16-17 1.08 Diametrical M410502 5.0 1.25 2.5 N35 1.2 Diametrical M610512 5.0 1.25 2.5 Sm26/16-17 1.08 Diametrical M410512 6.0 - 2.5 N35 1.2 Diametrical M610602 6.0 - 2.5 Sm26/16-17 1.08 Diametrical M410602 6.0 1.5 2.5 N35 1.2 Diametrical M610612 6.0 1.5 2.5 Sm26/16-17 1.08 Diametrical M410612 6.0 1.5 3.0 N35 1.2 Diametrical M610613 6.0 1.5 3.0 Sm26/16-17 1.08 Diametrical M410613 8.0 - 2.5 N35 1.2 Diametrical M610802 8.0 - 2.5 Sm26/16-17 1.08 Diametrical M410802 |