전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STDP4028 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 STDP4028
상세설명  DisplayPort transmitter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDP4028 데이터시트(HTML) 5 Page - STMicroelectronics

  STDP4028 Datasheet HTML 1Page - STMicroelectronics STDP4028 Datasheet HTML 2Page - STMicroelectronics STDP4028 Datasheet HTML 3Page - STMicroelectronics STDP4028 Datasheet HTML 4Page - STMicroelectronics STDP4028 Datasheet HTML 5Page - STMicroelectronics STDP4028 Datasheet HTML 6Page - STMicroelectronics STDP4028 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
STDP4028
Ordering information
Doc ID 15886 Rev 1
5/7
4
Ordering information
b
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 1.
Order codes
Part number
Description
STDP4028
164 LFBGA (12 x 12 mm)



Html Pages

1 2 3 4 5 6 7