전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4989 데이터시트(PDF) 38 Page - STMicroelectronics

부품명 AN4989
상세설명  STM32 microcontroller debug toolbox
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4989 데이터시트(HTML) 38 Page - STMicroelectronics

Back Button AN4989 Datasheet HTML 34Page - STMicroelectronics AN4989 Datasheet HTML 35Page - STMicroelectronics AN4989 Datasheet HTML 36Page - STMicroelectronics AN4989 Datasheet HTML 37Page - STMicroelectronics AN4989 Datasheet HTML 38Page - STMicroelectronics AN4989 Datasheet HTML 39Page - STMicroelectronics AN4989 Datasheet HTML 40Page - STMicroelectronics AN4989 Datasheet HTML 41Page - STMicroelectronics AN4989 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 99 page
background image
Connecting to the board
AN4989
38/99
DocID030181 Rev 2
Figure 25. Select Generator Options Reset Mode in SW4STM32 V2.0.0
The Mode Setup group allows to set up the Reset Mode along with other debug behaviors.
•
Reset Mode as Connect under reset: asserts hardware reset and then connects to the
target (under reset).
•
Reset Mode as Hardware reset: performs a hardware reset and then connects to the
target.
•
Reset Mode as Software system reset: does not perform any hardware reset but
connects to the target and performs a software system reset.
In case of problem to connect to the board with SW4STM32, make sure that NRST from
ST-LINK is properly connected to STM32 NRST.
Hotplug mode is not proposed by SW4STM32. ST-LINK utility can be used instead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99