| 전자부품 데이터시트 검색엔진 |
|
ADN2525ACPZ-R2 데이터시트(PDF) 1 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADN2525ACPZ-R2 데이터시트(HTML) 1 Page - Analog Devices |
|
1 / 16 page ![]() 10.7 Gbps Active Back-Termination, Differential Laser Diode Driver ADN2525 Rev. 0 Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 © 2005 Analog Devices, Inc. All rights reserved. FEATURES Up to 10.7 Gbps operation Very low power: 670 mW (IBIAS = 40 mA, IMOD = 40 mA) Typical 24 ps rise/fall times Full back-termination of output transmission lines Drives TOSAs with resistances ranging from 5 Ω to 50 Ω PECL-/CML-compatible data inputs Bias current range: 10 mA to 100 mA Differential modulation current range: 10 mA to 80 mA Automatic laser shutdown (ALS) 3.3 V operation Compact 3 mm × 3 mm LFCSP package Voltage input control for bias and modulation currents XFP-compliant bias current monitor Optical evaluation board available APPLICATIONS SONET OC-192 optical transceivers SDH STM-64 optical transceivers 10 Gb Ethernet optical transceivers XFP/X2/XENPAK/XPAK/MSA 300 optical modules SR and VSR optical links GENERAL DESCRIPTION The ADN2525 laser diode driver is designed for direct modula- tion of packaged laser diodes having a differential resistance ranging from 5 Ω to 50 Ω. The active back-termination technique provides excellent matching with the output transmission lines while reducing the power dissipation in the output stage. The back-termination in the ADN2525 absorbs signal reflections from the TOSA end of the output transmission lines, enabling excellent optical eye quality to be achieved even when the TOSA end of the output transmission lines is significantly mis- terminated. The small package provides the optimum solution for compact modules where laser diodes are packaged in low pin-count optical subassemblies. The modulation and bias currents are programmable via the MSET and BSET control pins. By driving these pins with control voltages, the user has the flexibility to implement various average power and extinction ratio control schemes, including closed-loop control and look-up tables. The automatic laser shutdown feature allows the user to turn on/off the bias and modulation currents by driving the ALS pin with the proper logic levels. The product is available in a space-saving 3 mm × 3 mm LFCSP package specified from −40°C to +85°C. FUNCTIONAL BLOCK DIAGRAM 50 Ω IMOD 200 Ω 800 Ω 200 Ω 2 Ω VCC DATAP DATAN MSET GND BSET IBMON IBIAS IMODP IMODN ADN2525 VCC ALS GND VCC VCC 50 Ω 50 Ω 200 Ω 800 Ω Figure 1. |
유사한 부품 번호 - ADN2525ACPZ-R2 |
|
유사한 설명 - ADN2525ACPZ-R2 |