전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R55FVB 데이터시트(PDF) 8 Page - Banner Engineering Corp.

부품명 R55FVB
상세설명  R55F Series Fiber-Optic Color Mark Sensors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BANNER [Banner Engineering Corp.]
홈페이지  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

R55FVB 데이터시트(HTML) 8 Page - Banner Engineering Corp.

Back Button R55FVB Datasheet HTML 4Page - Banner Engineering Corp. R55FVB Datasheet HTML 5Page - Banner Engineering Corp. R55FVB Datasheet HTML 6Page - Banner Engineering Corp. R55FVB Datasheet HTML 7Page - Banner Engineering Corp. R55FVB Datasheet HTML 8Page - Banner Engineering Corp. R55FVB Datasheet HTML 9Page - Banner Engineering Corp. R55FVB Datasheet HTML 10Page - Banner Engineering Corp. R55FVB Datasheet HTML 11Page - Banner Engineering Corp. R55FVB Datasheet HTML 12Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
R55F Series Fiber-Optic Color Mark Sensors
page
8
Banner Engineering Corp. • Minneapolis, U.S.A.
www.bannerengineering.com • Tel: 763.544.3164
Remote Programming
The gray wire of the R55F may be connected to a remote switch or to a process
controller to:
- Set sensitivity via either Static or Dynamic TEACH mode
- Set output response via SETUP mode
- Disable the push button functions
A remote programming switch is connected between the gray wire and dc common (see
Hookup diagrams on page 11). The switch may be either a normally-open contact, or an
open-collector NPN transistor with its emitter connected to dc common.
Remote programming is accomplished using a specified sequence of input pulses.
The duration of each pulse is defined as:
0.04 seconds < T < 0.8 seconds (40 ms < T< 800 ms)
Remote Static TEACH Mode
1) Present the Output ON condition to the fiber sensing end and pulse the Remote
TEACH input once.
2) Wait at least 0.8 seconds, present the Output OFF condition, and pulse the Remote
TEACH input once.
If sensing contrast is adequate, the sensor flashes one segment of the signal strength
light bar for 3 seconds to indicate relative contrast, and then enters RUN mode.
If contrast is too low, the sensor flashes five segments of the signal strength light bar
in unison to warn of unacceptably low contrast, and returns to re-teach the Output ON
condition (Step 1).
Remote Static Single-Point TEACH
The single-point TEACH may also be performed using the remote wire. Present the
target and single-click the remote wire. Wait for at least 0.8 second, then double-click
the remote wire. If the TEACH is successful, the sensor will flash the middle two LEDs
of the bar graph, and return to RUN mode.
Remote Dynamic TEACH Mode
1) Hold the TEACH input low for > 2 seconds
2) Continue holding the TEACH input low while presenting light and dark sensing
conditions. Open switch when finished teaching.
If sensing contrast is adequate, the sensor flashes one segment of the signal strength
light bar for 3 seconds to indicate relative contrast, and then enters RUN mode.
If contrast is too low, the sensor flashes five segments of the signal strength light bar
in unison to warn of unacceptably low contrast, and returns to RUN mode with its
previously taught conditions.
Switch Open
Switch Closed
to dc common
0.04 < T < 0.8 sec
Figure 4. Input pulse timing
Present
Output ON
Condition
Present
Output OFF
Condition
> 0.8 sec
TT
Figure 5. Static TEACH mode
Present
Output ON
Condition
Double-Click
> 0.8 sec
TT
T
T
Figure 6. Static Single-Point TEACH mode
> 2 sec
TEACH Light
and Dark
Conditions
Figure 7. Dynamic TEACH mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com