전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BL-R3136A 데이터시트(PDF) 2 Page - Yellow Stone Corp

부품명 BL-R3136A
상세설명  STANDARD LED LAMPS(RECTANGULAR TYPES)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YSTONE [Yellow Stone Corp]
홈페이지  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BL-R3136A 데이터시트(HTML) 2 Page - Yellow Stone Corp

  BL-R3136A Datasheet HTML 1Page - Yellow Stone Corp BL-R3136A Datasheet HTML 2Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
L-089
BL-Rxx15 Series
L-090
BL-Rxx35 Series
L-091
BL-Rxx35A Series
L-092
BL-Rxx35B Series
L-093
BL-Rxx36 Series
L-094
BL-Rxx36A Series
L-095
BL-Rxx37 Series
L-096
BL-Rxx38 Series
Notes
1.All Dimensions are in millimeters (inches).
2.Tolerance isA0.25mm (.010").
MIN.
19.8(.780)
1.0(.039)
5.1(.201)
2.8(.110)
4.6(.181)
4.0(.157)
1.0(.039)
0.5(.020) SQ.TYP.
2.7(.106)
NOM.
4.4 0.5(.17 .02)
AA
2.54(.100)
5.0(.197)
1.5(.059) MAX.
1.0 0.1(.04 .004)
AA
MIN.
NOM.
2.8(.110)
5.1(.201)
1.0(.039)
25.4(1.00) MIN.
2.54(.100)
4.0(.157)
4.6(.181)
1.5(.059) MAX.
5.0(.197)
0.5(.020) SQ.TYP.
2.7(.106)
1.0(.039)
NOM.
MIN.
5.0(.197)
1.0(.039)
2.54(.100)
25.4(1.00) MIN.
1.5(.059) MAX.
5.1(.201)
2.8(.110)
0.5(.020) SQ.TYP.
3.6(.142)
4.4(.173)
1.0(.039)
1.0(.039) MIN.
25.4(1.00) MIN.
4.5(.177)
3.5(.138)
1.5(.059) MAX.
0.5(.020) SQ.TYP.
2.54(.10) NOM.
4.9(.193)
3.0(.118)
2.8(.110)
1.0(.039)
3.0(.118)
5.0(.197)
NOM.
MIN.
2.7(.106)
2.3(.091)
5.3(.209)
2.54(.100)
1.0(.039)
25.4(1.00) MIN.
0.7(.028)
1.5(.059) MAX.
5.9(.232)
2.8(.110)
0.5(.020) SQ.TYP.
4.5(.177)
3.0(.118)
6.0(.236)
1.9(.075)
MIN.
1.0(.039)
25.4(1.00) MIN.
1.5(.059) MAX.
2.54(.100) NOM.
0.8(.031)
5.15(.2023)
2.85(.112)
5.7(.224)
2.2(.086)
0.5(.020) SQ.TYP.
5.9(.232)
2.9(.114)
4.65(.183)
2.7(.106)
1.87(.073)
NOM.
MIN.
MAX.
1.0(.039)
2.54(.100)
3.0(.118)
4.8(.188)
1.5(.059)
3.0(.118)
0.5(.020) SQ.TYP.
7.0(.275)
25.4(1.00) MIN.
4.8(.188)
MIN.
NOM.
5.2(.205)
2.54(.100)
1.0(.039)
25.4(1.00) MIN.
1.5(.059) MAX.
4.0(.157)
0.5(.020) SQ.TYP.
1.9(.075)
2.0(.079)
1.8(.071)
6.0(.236)
5.3(.209)
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.



Html Pages

1 2