전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC4512Z 데이터시트(PDF) 21 Page - Lattice Semiconductor

부품명 LC4512Z
상세설명  3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LATTICE [Lattice Semiconductor]
홈페이지  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4512Z 데이터시트(HTML) 21 Page - Lattice Semiconductor

Back Button LC4512Z Datasheet HTML 17Page - Lattice Semiconductor LC4512Z Datasheet HTML 18Page - Lattice Semiconductor LC4512Z Datasheet HTML 19Page - Lattice Semiconductor LC4512Z Datasheet HTML 20Page - Lattice Semiconductor LC4512Z Datasheet HTML 21Page - Lattice Semiconductor LC4512Z Datasheet HTML 22Page - Lattice Semiconductor LC4512Z Datasheet HTML 23Page - Lattice Semiconductor LC4512Z Datasheet HTML 24Page - Lattice Semiconductor LC4512Z Datasheet HTML 25Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 91 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
21
VO Output Voltage (V)
3.3V VCCO
VO Output Voltage (V)
0
0
0
20
40
60
80
100
10
20
30
40
50
60
0
10
20
30
40
50
60
70
2.0
1.5
1.0
0.5
0
2.0 2.5
3.0 3.5
1.5
1.0
0.5
0
2.0
2.5
1.5
1.0
0.5
1.8V VCCO
VO Output Voltage (V)
IOH
2.5V VCCO
IOL
IOH
IOL
IOH
IOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com